Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5020ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP5020ACPZ-R7
Description  Power Management Unit for Imaging Modules
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5020ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP5020ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP5020ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP5020ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP5020ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP5020ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP5020ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP5020ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP5020ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP5020ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ADP5020
Rev. 0 | Page 8 of
28
ABSOLUTE MAXIMUM RATINGS
Table 7.
Parameter
Rating
VDD1, VDD2, VDD3
−0.3 V to +6 V
SW1, SW2
−0.3 V to +6 V
VOUT1, VOUT2, VOUT3
−0.3 V to +6 V
VDD_IO
−0.3V to +3.6 V
EN, SCL, SDA, SYNC, XSHTDN
−0.3 V to VDD_IO + 0.3 V
Operating Temperature Range
Ambient
−40°C to +85°C
Junction
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature
260°C
Soldering (10 sec)
260°C
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
VESD
Machine Model Range
−200 V to +200 V
Human Body Model Range
−2000 V to +2000 V
Charged Device Model
±750 V
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
The ADP5020 can be damaged when the junction temperature
(TJ) limits are exceeded. Monitoring the ambient temperature
does not guarantee that TJ is within the specified temperature
limits. In applications with high power dissipation and poor
thermal resistance, the maximum ambient temperature may
have to be derated. In applications having moderate power dis-
sipation and low PCB thermal resistance, the maximum ambient
temperature can exceed the maximum limit as long as the junction
temperature is within specification limits. The TJ of the device is
dependent on the ambient temperature (TA), the power dissipation
(PD) of the device, and the junction-to-ambient thermal resistance
of the package (θJA). Maximum TJ is calculated from TA and PD
using the following formula:
TJ = TA + (PD × θJA)
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 8. Thermal Resistance
Package Type
θJA
θJC
Unit
20-Lead LFCSP (CP-20-4)
47.4
4.3
°C/W
Thermal Data
Junction-to-ambient thermal resistance (θJA) of the package is
based on modeling and calculation using a 4-layer board. The
junction-to-ambient thermal resistance is highly dependent on
the application and board layout. In applications where high maxi-
mum power dissipation exists, attention to thermal board design
is required. The value of θJA may vary, depending on PCB material,
layout, and environmental conditions. The specified value of θJA
is based on a 4-layer, 4 in × 3 in, 2 1/2 oz copper board, as per
JEDEC standards. For more information, see the AN-772
Application Note, A Design and Manufacturing Guide for the
Lead Frame Chip Scale Package (LFCSP).
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com