Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5020ACPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP5020ACPZ-R7
Description  Power Management Unit for Imaging Modules
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5020ACPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP5020ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP5020ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP5020ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP5020ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP5020ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP5020ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP5020ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP5020ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP5020ACPZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
ADP5020
Rev. 0 | Page 20 of 2
8
The application processor, together with the regulator power
good signal, controls the XSHTDN pin, as shown in Table 18.
After a regulator is enabled and no failure condition is detected
(power good = 1 in Bits[3:1] of the REG_CONTROL_STATUS
register, Address 0x03), the level of the XSHTDN pin is con-
trolled by Bit 0 (FORCE_XS) in the REG_CONTROL_STATUS
register. Therefore, the application processor can write to this
register to gain control over the XSHTDN pin. However, if the
EN signal is high, the level on the XSHTDN pin depends on the
power good condition of the regulator.
Table 18. Truth Table
EN
Pin
I2C Regulator Enable
Power
Good
FORCE_XS
XSHTDN
Pin
0
0
0
X1
0
0
1
X1
0
0
0
1
0
1
0
0
1
1
1
1
1
X1
1
X1
1
1
X1
0
X1
0
1 X = don’t care.
POWER-UP/POWER-DOWN STATE FLOW
When the device is enabled, the UVLO circuit constantly monitors
the supply voltage. If the supply voltage falls below the VUVLOF
threshold, typically 2.0 V, the regulators are immediately turned
off. All the internal analog circuits are then disabled to save power,
except the power-on reset (POR) circuit, which detects if the supply
voltage is dropping. If the supply voltage is higher than the POR
threshold, the POR circuit keeps the logic circuits operating
properly and retains the internal values of the registers. This
POR threshold is set to approximately 1.4 V.
If the supply voltage goes below the VUVLOR threshold, but not
below the POR threshold, the registers are preserved. If the supply
voltage returns to the normal operating level (above VUVLOR),
a new activation does not require initialization of the registers.
However, if the supply voltage goes below the POR level, the
device is held in reset state. When the input voltage resumes the
proper operating level, the host controller must reload the registers.
The additional current required to keep the POR monitoring
circuits alive during UVLO is estimated to be approximately 1 μA.
NO POWER
VDDx < VPOR
VDDx < VPOR
EN = LOW AND 12C OFF
COMMAND
OR VDDx < VUVLOF
I2C
COMMANDS
INTERNAL
RESET
EN = HIGH
STAND BY
TSD
STARTUP
SEQUENCER
NORMAL
OPERATION
SEQUENCE
END, AND ALL REGULATIONS ARE
POWER GOOD
VDDx > VPOR
LEVEL
EN = LOW
EN = LOW OR I2C OFF
COMMAND
OR VDDx < VUVLOF
DEVICE ENABLED
(EN_ALL OR EN = HIGH)
Figure 27. State Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com