Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5020ACPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP5020ACPZ-R7
Description  Power Management Unit for Imaging Modules
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5020ACPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP5020ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP5020ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP5020ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP5020ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP5020ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP5020ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP5020ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP5020ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP5020ACPZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
ADP5020
Rev. 0 | Page 22 of 2
8
LDO INPUT FILTER
To improve the LDO input-to-output ripple suppression in the
critical switching frequency range of the buck converters, it may be
necessary to add an LC filter tuned to 1 MHz, as shown in
Figure 28. Additional tests and simulation must be performed
to assess if this filter is necessary.
The filter resonance frequency is determined by the following
equation:
C8
L3
f
LC
×
×
π
×
=
2
1
(3)
where L3 = 250 nH, assuming that fLC = 1 MHz and C8 = 100 nF.
The inductor must be able to withstand the LDO load current,
including the overload condition, which is limited to 400 mA.
VBATT
SW1
VOUT1
L1
2.2µH
3.3V
2.8V
LDO
INPUT FILTER
L3
C6
10µF
C1
10µF
C8
0.1µF
C3
1µF
VDD3
VOUT1
VOUT3
BUCK 1
LDO
ADP5020
Figure 28. Optional LDO Input Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com