Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5020ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP5020ACPZ-R7
Description  Power Management Unit for Imaging Modules
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5020ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP5020ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP5020ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP5020ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP5020ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP5020ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP5020ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP5020ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP5020ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP5020ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
ADP5020
Rev. 0 | Page 15 of
28
Table 14. BUCK2_LDO_VSEL Register, Address 0x02
Bit
Bit Name
Access
Default
Description
[7:4]
BK2_VSEL[3:0]
R/W
Fuse
Sets the voltage output level of the Buck 2 regulator. Preloads on power-up with values
stored in fuses. Note that this value can be edited by a user in an application.
0000 = 1.1 V.
0001 = 1.1 V.
0010 = 1.1 V.
0011 = 1.1 V.
0100 = 1.1 V.
0101 = 1.1 V.
0110 = 1.1 V.
0111 = 1.1 V.
1000 = 1.1 V.
1001 = 1.2 V (default).
1010 = 1.3 V.
1011 = 1.4 V.
1100 = 1.5 V.
1101 = 1.6 V.
1110 = 1.7 V.
1111 = 1.8 V.
[3:0]
LDO_VSEL[3:0]
R/W
Fuse
Sets the voltage output level of the LDO regulator. Preloads on power-up with values
stored in fuses. Note that this value can be edited by the user in an application.
0000 = 1.8 V (default).
0001 = 1.9 V.
0010 = 2.0 V.
0011 = 2.1 V.
0100 = 2.2 V.
0101 = 2.3 V.
0110 = 2.4 V.
0111 = 2.5 V.
1000 = 2.6 V.
1001 = 2.7 V.
1010 = 2.8 V.
1011 = 2.9 V.
1100 = 3.0 V.
1101 = 3.1 V.
1110 = 3.2 V.
1111 = 3.3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com