Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5020ACPZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADP5020ACPZ-R7
Description  Power Management Unit for Imaging Modules
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5020ACPZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADP5020ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP5020ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP5020ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP5020ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP5020ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP5020ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP5020ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP5020ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP5020ACPZ-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
ADP5020
Rev. 0 | Page 25 of 28
OUTLINE DIMENSIONS
2.65
2.50 SQ
2.35
3.75
BSC SQ
4.00
BSC SQ
COMPLIANT
TO JEDEC STANDARDS MO-220-VGGD-1
1
0.50
BSC
PIN 1
INDICATOR
0.50
0.40
0.30
TOP VIEW
12° MAX
0.80 MAX
0.65 TYP
SEATING
PLANE
PIN 1
INDICATOR
COPLANARITY
0.08
1.00
0.85
0.80
0.30
0.23
0.18
0.05 MAX
0.02 NOM
0.20 REF
20
6
16
10
11
15
5
EXPOSED
PAD
(BOTTOM VIEW)
0.60 MAX
0.60 MAX
0.25 MIN
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 30. 20-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
4 mm × 4 mm Body, Very Thin Quad
(CP-20-4)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADP5020ACPZ-R71
−40°C to +85°C
20-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-20-4
ADP5020CP-EVALZ1
Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com