Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5020ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP5020ACPZ-R7
Description  Power Management Unit for Imaging Modules
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5020ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP5020ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP5020ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP5020ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP5020ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP5020ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP5020ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP5020ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP5020ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP5020ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
ADP5020
Rev. 0 | Page 12 of 2
8
VIN = 4.5 V, VOUT1 = 2.8 V, VOUT2 = VOUT3 = 1.8 V, IOUT = 100 mA, C4 = C1 = 10 μF, C2 =4.7 μF, C3 = 1 μF, TJ = 25°C, unless otherwise noted.
LDO
LDO OUTPUT = 1V/DIV
TIME = 50µs/DIV
Figure 18. LDO Startup
SW1
BUCK 1
BUCK 1 OUTPUT = 20mV/DIV
SW1 = 5V/DIV
TIME = 100ns/DIV
Figure 19. Buck 1 Switching Node Voltage and
Output Ripple Voltage
SW2
BUCK 2
BUCK 2 OUTPUT = 20mV/DIV
SW2 = 5V/DIV
TIME = 100ns/DIV
Figure 20. Buck 2 Switching Node Voltage and
Output Ripple Voltage
BUCK 1
LDO
BUCK 2
ENABLE
BUCK 1 OUTPUT = 2V/DIV
BUCK 2 OUTPUT = 1V/DIV
LDO OUTPUT = 1V/DIV
ENABLE OUTPUT = 2V/DIV
TIME = 5ms/DIV
Figure 21. Three Regulators Turned Off by Sequencer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com