Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAATSS0016 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAATSS0016
Description  Digital Attenuator, 4-Bit, Single Control 30 dB, 0.5 - 2.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAATSS0016 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAATSS0016 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAATSS0016 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAATSS0016 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAATSS0016 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Digital Attenuator, 4-Bit, Single Control
30 dB, 0.5 - 2.0 GHz
Rev. V3
MAATSS0016
•
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
•
India Tel: +91.80.43537383
•
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Positive Single Control
• 2-dB Attenuation Steps to 30 dB
• Low DC Power Consumption
• Lead-Free TSSOP-16 Plastic Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Re-flow Compatible
• RoHS* Compliant Version of AT-264
Description
M/A-COM’s MAATSS0016 is a 4-bit, 2-dB step
GaAs MMIC digital attenuator in a lead-free TSSOP-
16
surface
mount
plastic
package.
The
MAATSS0016 is ideally suited for use where high
accuracy, very low power consumption and low
intermodulation
products
are
required.
Typical
applications include radio, cellular, wireless LANs,
GPS equipment and other gain/level control circuits.
The MAATSS0016 is fabricated using a mature 1
micron
GaAs
MESFET
process.
The
process
features
full
chip
passivation
for
increased
performance and reliability.
Functional Schematic 2,3
2. Blocking capacitors are required on all RF ports (39 pF used
for data measurements).
3. Vs = +5 ± 0.2 VDC must be applied at RF1 or RF2 using a
10 Kohm or greater pull-up resistor.
1
12
11
10
9
14
13
1
2
3
4
5
6
7
8
16
15
16
84
2
Vs
Pin Configuration
Pin No.
Function
Pin No.
Function
1
Ground
9
RF2
2
Ground
10
Ground
3
VC1
11
Ground
4
VC2
12
Ground
5
VC3
13
Ground
6
VC4
14
Ground
7
Ground
15
Ground
8
Ground
16
RF1
Ordering Information 1
Part Number
Package
MAATSS0016
Bulk Packaging
MAATSS0016TR
1000 piece reel
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
1. Reference Application Note M513 for reel size information.


Similar Part No. - MAATSS0016

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAATSS0016 MACOM-MAATSS0016 Datasheet
150Kb / 3P
Digital Attenuator, 4-Bit, Single Control 30 dB, 0.5 - 2.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0016 MA-COM-MAATSS0016 Datasheet
121Kb / 4P
Digital Attenuator, 4-Bit
logo
Tyco Electronics
MAATSS0016TR MACOM-MAATSS0016TR Datasheet
150Kb / 3P
Digital Attenuator, 4-Bit, Single Control 30 dB, 0.5 - 2.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0016 MA-COM-MAATSS0016_15 Datasheet
121Kb / 4P
Digital Attenuator
More results

Similar Description - MAATSS0016

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-226 MACOM-AT-226 Datasheet
99Kb / 4P
Digital Attenuator, 4 Bit, Single Control, 15 dB 0.5 - 2.0 GHz
AT-264 MACOM-AT-264 Datasheet
59Kb / 2P
Digital Attenuator, 4 Bit, Single Control 30 dB, 0.5 - 2.0 GHz
AT-264 MACOM-AT-264_1 Datasheet
200Kb / 3P
Digital Attenuator, 4-Bit, Single Control 30dB, 0.5-2.0 GHz
MAATSS0016 MACOM-MAATSS0016 Datasheet
150Kb / 3P
Digital Attenuator, 4-Bit, Single Control 30 dB, 0.5 - 2.0 GHz
MAATSS0019 MACOM-MAATSS0019 Datasheet
196Kb / 3P
Digital Attenuator, 4-Bit, Single Control, 15 dB 0.5 - 4.0 GHz
logo
M/A-COM Technology Solu...
AT-220 MA-COM-AT-220 Datasheet
72Kb / 3P
Digital Attenuator, 30 dB, 4-Bit DC - 2.0 GHz
MAATSS0019 MA-COM-MAATSS0019 Datasheet
177Kb / 4P
Digital Attenuator, 4-Bit, Single Control, 15 dB 0.5 - 4.0 GHz
AT-264 MA-COM-AT-264 Datasheet
154Kb / 4P
Digital Attenuator, 4-Bit, Single Control 30 dB, 0.5 - 2.0 GHz
MAADSS0009 MA-COM-MAADSS0009 Datasheet
72Kb / 3P
Digital Attenuator, 30 dB, 4-Bit DC - 2.0 GHz
MAADSS0019 MA-COM-MAADSS0019 Datasheet
131Kb / 4P
Digital Attenuator, 4-Bit, Single Control 15 dB, 2.0 - 6.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com