Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB117A Datasheet(PDF) 14 Page - Summit Microelectronics, Inc.

Part # SMB117A
Description  High-power, Four-channel Programmable DC-DC System Power Managers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB117A Datasheet(HTML) 14 Page - Summit Microelectronics, Inc.

Back Button SMB117A Datasheet HTML 10Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 11Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 12Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 13Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 14Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 15Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 16Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 17Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 18Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
SMB113A/B/SMB117/A
Preliminary Information
Summit Microelectronics, Inc
2111 2.4 6/24/2008
14
SMB113A EFFICIENCY GRAPHS
Efficiency at 3.3V
60
65
70
75
80
85
90
95
100
00.5
11.5
2
Current (Amps)
5.0V
3.8V
4.2V
3.6V
3.3V
3.0V
60
65
70
75
80
85
90
95
100
00.5
11.5
2
Current(Amps)
5.0V
4.2V
3.8V
3.6V
3.3V
3.0V
60
65
70
75
80
85
90
95
100
0
0.5
1
1.5
2
Current(Amps)
5.0V
4.2V
3.8V
3.6V
3.3V
3.0V
60
65
70
75
80
85
90
95
100
0
0.511.5
2
Current(Amps)
5.0V
4.2V
3.8V
3.6V
3.3V
3.0V
60
65
70
75
80
85
90
95
100
00.5
11.5
2
Current (Amps)
5.0V
4.2V
3.8V
3.6V
3.4V
Efficiency at 2.5V
Efficiency at 1.8V
Efficiency at 1.2V
Efficiency at 1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com