Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB117A Datasheet(PDF) 17 Page - Summit Microelectronics, Inc.

Part # SMB117A
Description  High-power, Four-channel Programmable DC-DC System Power Managers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB117A Datasheet(HTML) 17 Page - Summit Microelectronics, Inc.

Back Button SMB117A Datasheet HTML 13Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 14Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 15Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 16Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 17Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 18Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 19Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 20Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 21Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
SMB113A/B/SMB117/A
Preliminary Information
Summit Microelectronics, Inc
2111 2.4 6/24/2008
17
APPLICATIONS INFORMATION (CONTINUED)
MANUAL MODE
The SMB113A/B and SMB117/A provide a manual
power-on mode in which each channel may be
enabled individually irrespective of the state of other
channels. In this mode, the enable signal has
complete control over the channel, and all sequencing
is ignored. In Manual mode, channels will not be
disabled in the event of a UV/OV fault on any output or
the VBATT pin.
FORCE-SHUTDOWN
When a battery fault occurs, a UV/OV is detected on
any output, or an I
2C force-shutdown command is
issued, all channels will be immediately disabled,
ignoring sequence positions or power off delay times.
SEQUENCE TERMINATION TIMER
At the beginning of each sequence position, an
internal programmable timer will begin to time out.
When this timer has expired, the SMB113A/B and
SMB117/A will automatically perform a force-shutdown
operation. This timer is user programmable with a
programmable sequence termination period (tPST) of
50, 100, 200 ms; this function can also be disabled.
POWER OFF SEQUENCING
The SMB113A/B and SMB117/A have a power-off
sequencing operation. During a power off operation,
the supplies will be powered off in the reverse order
they where powered on in. During the power off
sequencing, all enables are ignored.
When a power-off command is issued the SMB113A/B
and SMB117/A will set the sequence position counter
to the last sequence position and disable that channel
without soft-start control; once off, the power off delay
for the channel(s) in the next to last sequence position
will begin to timeout, after which that channel(s) will be
disabled. This process will continue until all channels
have been disabled and are off. The programmable
If a channel fails to turn off within the sequence
termination period, the sequence termination timer will
initiate a force shutdown, if enabled.
INPUT AND OUTPUT MONITORING
Both products monitor all outputs for under-voltage
(UV) and over-voltage (OV) faults. The monitored
levels are user programmable, and may be set at 5,
10, 15, and 20 percent of the nominal output voltage.
The
VBATT
pin
is
monitored
for
two
user
programmable UV settings. The VBATT UV settings
are programmable from 2.55V to 3.45V in 150mV
increments. Once the UV/OV voltage set points have
been violated, the SMB113A/B and SMB117/A can be
programmed to respond in one of three ways, perform:
a power-off operation, a force-shutdown operation
and-or it can trigger the nRESET/HEALTHY pin.
SOFT START
The
SMB113A/B
and
SMB117/A
provide
a
programmable soft-start function for all PWM outputs.
The soft-start control limits the slew rate that each
output is allowed to ramp up without the need for an
external capacitor. The soft start slew rate is
proportional to the product of the output voltage and a
slew rate reference. This global reference is
programmable and may be set to 400, 200, 100, 67,
50, 33, 25, and 20 Volts per second. The slew rate
control can also be disabled on any channel not
requiring the feature.
DYNAMIC VOLTAGE MANAGEMENT
The SMB113A/B/117/A have two additional voltage
settings, dynamic voltage control high and low
settings. Together with the nominal voltage setting,
three pre-determined voltage levels can be used. The
three voltage levels are ideal for situations where a
core voltage needs to be reduced for power
conservation.
The dynamic voltage control high and low settings
have the same voltage range as the controllers’
nominal output voltage. These settings are stored in
the non-volatile configuration registers and can be set
by a write to volatile configuration registers.
The
dynamic voltage control command registers contain
two bits for each channel that adjust the output
voltages to the high, low or nominal set point after a
volatile I2C write command.
A seven level dynamic voltage control option is
available for channel 3. When enabled, seven level
dynamic voltage control allows channel 3 to be
dynamically modified to one of seven pre-determined
voltage levels. This transition is made by means of a
volatile I
2C write command.
When all channels are at their voltage setting, a bit is
set in the dynamic voltage control status registers.
+
–
VREF
R1
R2
COMP1
Vout
Vout= Vref* (1 + R2/R1)
Soft-Start Slew Rate=SRref* (1 + R2/R1)
Figure 6 – The output voltage is set by the voltage
divider. The VREF voltage is programmable from 0
to 1.0 volt in 4mV increments via the I
2C interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com