Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB117A Datasheet(PDF) 26 Page - Summit Microelectronics, Inc.

Part # SMB117A
Description  High-power, Four-channel Programmable DC-DC System Power Managers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB117A Datasheet(HTML) 26 Page - Summit Microelectronics, Inc.

Back Button SMB117A Datasheet HTML 22Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 23Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 24Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 25Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 26Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 27Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 28Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 29Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 30Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
SMB113A/B/SMB117/A
Preliminary Information
Summit Microelectronics, Inc
2111 2.4 6/24/2008
26
APPLICATIONS INFORMATION (CONTINUED)
The input capacitance must be chosen such that the
rise and fall times specified in the datasheet do not
exceed ~5% of the switching period.
To ensure the maximum load current will not exceed
the power rating of the FET, the power dissipation of
each FET must be determined. It is important to look
at each FET individually and then add the power
dissipation of complementary FETs after the power
dissipation over one cycle has been determined. The
Power dissipation can be approximated as follows:
Equation 3:
ON
L
DSON
T
I
R
P
*
*
~
2
Where TON is the on time of the primary switch. TON
can be calculated as follows:
Equations 4, 5:
T
V
V
PFET
Buck
T
V
V
NFET
Buck
IN
O
IN
O
*
:
*
)
1
(
:
−
−
−
Compensation:
Summit provides a design tool to called Summit Power
Designer”
that
will
automatically
calculate
the
compensation values for a design or allow the system
to be customized for a particular application. The
power
designer
software
can
be
found
at
http://www.summitmicro.com/prod_select/xls/SummitP
owerDesigner_Install.zip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com