Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB117A Datasheet(PDF) 29 Page - Summit Microelectronics, Inc.

Part # SMB117A
Description  High-power, Four-channel Programmable DC-DC System Power Managers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB117A Datasheet(HTML) 29 Page - Summit Microelectronics, Inc.

Back Button SMB117A Datasheet HTML 24Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 25Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 26Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 27Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 28Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 29Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 30Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 31Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 32Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
SMB113A/B/SMB117/A
Preliminary Information
Summit Microelectronics, Inc
2111 2.4 6/24/2008
29
I2C PROGRAMMING INFORMATION (CONTINUED)
GRAPHICAL USER INTERFACE (GUI)
Device configuration utilizing the Windows based
SMB113A/B/117/A graphical user interface (GUI) is
highly recommended. The software is available from
the Summit website (http://www.summitmicro.com ).
Using the GUI in conjunction with this datasheet,
simplifies the process of device prototyping and the
interaction of the various functional blocks. A
programming Dongle (SMX3200) is available from
Summit to communicate with the SMB113A/B and
SMB117/A. The Dongle connects directly to the
parallel port of a PC and programs the device through
a cable using the I
2C bus protocol. See figure 11 and
the SMX3200 Data Sheet.
Slave
Address
Register Type
Configuration Registers are located in
00 HEX thru 9FHEX
General-Purpose Memory Block 0 is
located in A0 HEX thru BFHEX
0000000BIN
to
1111111BIN
General-Purpose Memory Block 1 is
located in C0 HEX thru FFHEX
Table 1 – Possible address bytes used by the SMB113A/B and the SMB117/A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com