Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB117A Datasheet(PDF) 16 Page - Summit Microelectronics, Inc.

Part # SMB117A
Description  High-power, Four-channel Programmable DC-DC System Power Managers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB117A Datasheet(HTML) 16 Page - Summit Microelectronics, Inc.

Back Button SMB117A Datasheet HTML 12Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 13Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 14Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 15Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 16Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 17Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 18Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 19Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 20Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
SMB113A/B/SMB117/A
Preliminary Information
Summit Microelectronics, Inc
2111 2.4 6/24/2008
16
APPLICATIONS INFORMATION
DEVICE OPERATION
POWER SUPPLY
There are five supply input pins on the SMB113A/B
and SMB117/A: four HVSUP pins and the VBATT pin.
Each supply must be powered from an input voltage
between 2.7-6.0 volts.
The HVSUP1 though HVSUP4 are used to power the
HSDRV (PMOS driver) and LSDRV (NMOS driver)
outputs. The rail-to-rail swing on the HSDRV and
LSDRV pins is equal to the associated HVSUP supply
voltage.
The VBATT pin is internally regulated to 2.5V. This
2.5V supply is then filtered on the VDD_CAP pin and
used to power all internal circuitry. The VBATT pin is
monitored by an Under-Voltage Lockout (UVLO)
circuit, which prevents the device from turning on
when the voltage at this node is less than the UVLO
threshold.
OUTPUT VOLTAGE
All output voltages on the SMB113A/B and SMB117/A
can be set via the non-volatile configuration registers.
Each of the four step-down output voltages on the
SMB113A/B and SMB117/A can be adjusted for 100%
duty cycle or 0% duty cycle operation.
When 100% duty cycle mode is selected, the output
voltage can be set up to the input voltage on the
device, while the minimum output voltage is limited to
the min duty cycle specification in the DC operating
characteristics section.
When the 0% duty cycle mode is selected, the
maximum duty cycle is limited to the max duty cycle
specification in the DC operating characteristics
section.
POWER-ON/OFF CONTROL
Sequencing can be initiated: automatically, by a
volatile I
2C Power on command, or by asserting the
PWREN pin. When the PWREN pin is programmed to
initiate sequencing, it can be level or edge triggered.
The PWREN input has a programmable de-bounce
time of 100, 50, or 25ms. The de-bounce time can also
be disabled.
When configured as a push-button enable, PWREN
must be asserted longer than the de-bounce time
before sequencing can commence, and pulled low for
the same period to disable the channels.
ENABLE
Each output can be enabled and disable by an enable
signal. The enable signal is can be provided from
either the PWREN pin or by the contents of the enable
register.
When enabling a channel from the enable register, the
register contents default state must be set so that the
output will be enabled or disabled following a POR
(power on reset). The default state is programmable.
CASCADE SEQUENCING
Each channel on the SMB113A/B and SMB117/A may
be placed in any one of 4 unique sequence positions,
as assigned by the configurable non-volatile register
contents. The SMB113A/B and SMB117/A navigate
between each sequence position using a feedback-
based
cascade-sequencing
circuit.
Cascade
sequencing is the process in which each channel is
continually
compared
against
a
programmable
reference voltage until the voltage on the monitored
channel exceeds the reference voltage, at which point
an internal sequence position counter is incremented
and the next sequence position is entered. In the
event that a channels enable input is not asserted
when the channel is to be sequenced on, that
sequence position will be skipped and the channel in
the next sequence position will be enabled.
Figure 5 – Power on sequencing waveforms.
Time = 4ms/devision, Scale = 1V/devision
Ch 1 = 3.3V output (Yellow trace)
Ch 2 = 2.5V output (Blue trace)
Ch 3 = 1.8V output (Purple trace)
Ch 4 = 1.2V output (Green trace)
POWER ON/OFF DELAY
There is a programmable delay between when
channels in subsequent sequence positions are
enabled. The delay is programmable at 50, 25, 12.5
and 1.5ms intervals. This delay is programmable for
each
of
the
four
sequence
positions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com