Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB117A Datasheet(PDF) 22 Page - Summit Microelectronics, Inc.

Part # SMB117A
Description  High-power, Four-channel Programmable DC-DC System Power Managers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB117A Datasheet(HTML) 22 Page - Summit Microelectronics, Inc.

Back Button SMB117A Datasheet HTML 18Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 19Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 20Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 21Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 22Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 23Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 24Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 25Page - Summit Microelectronics, Inc. SMB117A Datasheet HTML 26Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
SMB113A/B/SMB117/A
Preliminary Information
Summit Microelectronics, Inc
2111 2.4 6/24/2008
22
APPLICATIONS INFORMATION (CONTINUED)
Item
Description-
Vendor / Part Number
Qty Ref. Des.
Capacitors
1
0.1uF, 50V, ceramic, X7R, 0603, SMD
Murata
GRM188R71H104KA93D
19
C1, C3, C7, C11, C13,
C12, C14, C17, C18, C19,
C21, C22, C24, C25, C29,
C30, C32, C35, C41, C47
2
1uF, 25V, ceramic, X5R, 0805, SMD
Murata
GRM216R61E105KA12
2
C2, C15
3
22uF, 16V, ceramic, X5R, 1210, SMD
Murata
GRM32ER61C226ME20L
9
C5, C16, C20, C27, C31,
C34, C40, C46
4
330pF, 50V, ceramic, NP0, 0603, SMD
Panasonic ECJ-1VC1H331J
4
C8, C36, C42, C48
5
22pF, 50V, ceramic, NP0, 0603, SMD
Murata
GRM1885C1H470JA01D
4
C9, C37, C43, C49
6
3300pF, 100V, ceramic, X7R, 0603, SMD
Murata
GRM188R71H332KA01D
2
C10, C38, C44, C50
Resistors
7
499
Ω, 1/10W, 1%, 0603, SMD
Vishay CRCW06034990F
4
R2, R23, R25, R29
8
100
Ω, 1/10W, 1%, 0603, SMD
Vishay CRCW06031000F
4
R3, R14, R37, R39
9
1K
Ω, 1/10W, 1%, 0603, SMD
Vishay CRCW06031001F
5
R4, R10, R12, R16, R19
10
0
Ω, 1/10W, 1%, 0603, SMD
Vishay CRCW06030R00F
4
R5, R13, R17, R20
11
49.9K
Ω, 1/10W, 1%, 0603, SMD
Vishay CRCW06034992F
4
R6, R7, R8, R30
12
2K
Ω, 1/10W, 1%, 0603, SMD
Vishay CRCW06032001F
1
R9
13
4.99K
Ω, 1/10W, 1%, 0603, SMD
Vishay CRCW06034991F
4
R1, R22, R24, R28
Semiconductors
14
Diode Schottky, 20V, 200mA, SS-mini
Panasonic MA2SD2400L
4
D1, D3, D5, D6
15
Diode, Schottky, 40V, 500mA SOD-123
Diodes Inc. B0540W-7
5
D2, D12, D13, D14, D15
16
LED, Red, 0805, SMD
Lumex SML-LXT0805SRW-
TR
2
D4
17
Zener Diode, 5.6V, 500mW, SOD-123
ON Semi MMSZ5V6T1G
1
D7
18
NPN, 40V, 1A, SOT-89
Zetex FCX491A
1
Q1
19
MOSFET, Complementary, 20V, SSOT-6 Analog Power AM3520C
4
Q2, Q3, Q4, Q5
20
SMB113A
Summit Microelectronics
1
U1
Magnetics
21
Inductor 3.3uH
TDK HCP0703-3R3-R
4
L1, L2, L3, L4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com