Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM665C Datasheet(PDF) 5 Page - Summit Microelectronics, Inc.

Part # SMM665C
Description  Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM665C Datasheet(HTML) 5 Page - Summit Microelectronics, Inc.

  SMM665C Datasheet HTML 1Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 2Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 3Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 4Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 5Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
SMM665C
Summit Microelectronics, Inc
2125 3.1 7/22/2008
5
Pin
Number
Pin
Type
Pin Name
Pin Description
14
I/O
VREF_CNTL
Voltage reference input used for DC output control and margining.
VREF_CNTL can be programmed to output the internal 1.25V reference.
15
CAP
FILT_CAP
External capacitor input used to filter VMX inputs
41,36,
31, 26,
21,16
IN
VMX
Positive converter sense line, VMA through VMF
42, 37,
32, 27,
22, 17
CAP
CAPX
External capacitor input used to filter the VMX inputs to the 10-bit ADC, CAPA
through CAPF. This provides an RC filter where R = 25kΩ.
43, 38,
33, 28,
23, 18
OUT
PUPX
Programmable active high/low open drain converter enable output, PUPA
through PUPF
44, 39,
34, 29,
24, 19
OUT
TRIMX
Output voltage used to control the output of DC/DC converters, TRIMA
through TRIMF . If the ADOC/margining functionality is not used on a
channel the associated TRIMX pin should be left floating
45, 40,
35, 30,
25, 20
CAP
TRIM_CAPX
External sample and hold capacitor input used to set the voltage on the
TRIM pins, TRIM_CAPA through TRIM_CAPF
46
PWR
VDD
Power supply of the part
47
PWR
12VIN
12V power supply input internally regulated to either 3.6V or 5.5V
48
CAP
VDD_CAP
External capacitor input used to filter the internal supply
PIN DESCRIPTIONS (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com