Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM665C Datasheet(PDF) 2 Page - Summit Microelectronics, Inc.

Part # SMM665C
Description  Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM665C Datasheet(HTML) 2 Page - Summit Microelectronics, Inc.

  SMM665C Datasheet HTML 1Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 2Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 3Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 4Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 5Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
SMM665C
Summit Microelectronics, Inc
2125 3.1 7/22/2008
2
GENERAL DESCRIPTION
The SMM665C is a highly integrated and accurate
power supply controller, monitor and sequencer. It
has the ability to automatically control, monitor and
cascade sequence up to six power supplies. Also, the
SMM665C can monitor the VDD input, the 12V input,
two general-purpose analog inputs and the internal
temperature sensor.
The SMM665C has four
operating
modes:
Power-on
sequencing
mode,
monitor mode, supply margining mode using Active
DC
Output
Control
(ADOC
TM), and Power-off
sequencing mode.
Power-on sequencing can be initiated via the
PWR_ON/OFF pin or I
2C control. In this mode, the
SMM665C will sequence the power supply channels
on in any order by activating the PUP outputs and
monitoring the respective converter voltages to ensure
cascading of the supplies. Cascade sequencing is the
ability to hold off the next sequenced supply until the
first supply reaches a programmed threshold. A
programmable sequence termination timer can be set
to disable all channels if the Power-on sequence
stalls. Once all supplies have sequenced on and the
voltages are above the UV settings, the Active DC
Control, if enabled, will bring the supply voltages to
their nominal settings.
During this mode, the
HEALTHY output will remain inactive and the RST
output will remain active.
Once the Power-on sequencing mode is complete, the
SMM665C enters monitor mode. In the monitor mode,
the SMM665C starts the ADOC control of the supplies
and adjusts the output voltage to the programmed
setting under all load conditions, especially useful for
supplies without sense lines. Typical converters have
±2% accuracy ratings for their output voltage, the
Active DC Output Control feature of the SMM665C
increases the accuracy to
±0.2% (using a ±0.1%
external voltage reference). The part also enables the
triggering of outputs by monitored fault conditions.
The 10-bit ADC cycles through all 11 channels every
2ms and checks the conversions against the
programmed threshold limits. The results can be used
to trigger RST, HEALTHY and FAULT outputs as well
as to trigger a Power-off or a Force Shutdown
operation.
While the SMM665C is in its monitoring mode, an I
2C
command to margin the supply voltages can bring the
part into margining mode.
In margining mode the
SMM665C can margin six supply voltages in any
combination of nominal, high and low voltage settings
using the ADOC feature, all to within ±0.2% using a
±0.1% external reference. The margin high and low
voltage settings can range from 0.3V to VDD around
the converters’ nominal output voltage setting
depending on the specified margin range of the DC-
DC converter. During this mode the HEALTHY output
is always active and the RST output is always inactive
regardless of the voltage threshold limit settings and
triggers. Furthermore, the triggers for Power-off and
Force Shutdown are temporarily disabled.
The Power-off sequencing mode can only be entered
while the SMM665C is in the monitoring mode. It can
be initiated by either bringing the PWR_ON/OFF pin
inactive, through I
2C control or triggered by a channel
exceeding its programmed thresholds. Once Power-
off is initiated, it will disable the Active DC Control and
sequence the PUP outputs off in either the same or
reverse order as Power-on sequencing and monitor
the supply voltages to ensure cascading of the
supplies as they turn off. The sequence termination
timer can be programmed to immediately disable all
channels if the Power-off sequencing stalls. The RST
output will remain active throughout this mode while
the HEALTHY output remains inactive.
Figure 2 – Example Power Supply Sequencing and System Start-up Initialization using the SMM665C. Any
order of supply sequencing can be applied using the SMM665C. Power supply ordering, trimming and Active
DC control allows supply cascade sequencing, automatic level adjustment, margin testing and reset control.
2.5V
2.7V
1.8V
2.0V
1.5V
VDD (+2.7V to +5.5V)
or 12VIN ( +8V to +15V)
RST#
---
t1 ---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com