Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM665C Datasheet(PDF) 16 Page - Summit Microelectronics, Inc.

Part # SMM665C
Description  Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM665C Datasheet(HTML) 16 Page - Summit Microelectronics, Inc.

Back Button SMM665C Datasheet HTML 12Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 13Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 14Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 15Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 16Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 17Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 18Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 19Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 20Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
SMM665C
Summit Microelectronics, Inc
2125 3.1 7/22/2008
16
APPLICATIONS INFORMATION (CONTINUED)
TEMPERATURE SENSOR ACCURACY
The internal temperature sensor accuracy is ±5
oC from
-40 to +90
oC. The sensor measures the temperature
of the SMM665C die and the ambient temperature. If
VDD is at 5V, the die temperature is +2
oC and at 12V,
it is +4
oC. In order to calculate this difference in
specific applications measure the Vdd or 12VIN supply
current and calculate the power dissipated and
multiply by 80
oC/W. For instance, 5V and 5mA is
25mW, which creates a 2
oC offset.
Note: For hex files (configuration settings) that
indicate no use of the temperature sensor, only the
typical temperature sensor accuracy is valid.
MARGINING
The SMM665C has two additional Active DC Output
Control voltage settings for channels A-F; margin high
and margin low. The margin high and margin low
voltage settings can range from 0.3V to VDD of the
converters’ nominal output voltage depending on the
specified margin range of the DC-DC converter.
These settings are stored in the configuration registers
and are loaded into the Active DC Control voltage
setting by margin commands issued via the I
2C bus.
The channel must be enabled for Active DC Control in
order to enable margining.
The margin command
registers contain two bits for each channel that decode
the commands to margin high, margin low, or control
to the nominal setting. Therefore, any combination of
margin high, margin low, and nominal control is
allowed in the margining mode.
Once the SMM665C receives the command to margin
the supply voltages, it begins adjusting the supply
voltages to move toward the desired setting. When all
channels are at their voltage setting, a bit is set in the
margin status registers.
Note: Configuration writes or reads of registers 00HEX
to 0FHEX should not be performed while the SMM665C
is margining.
POWER-OFF CASCADE SEQUENCING
The SMM665C can be programmed to perform Power-
off sequencing in either the same order or reverse
order of Power-on cascade sequencing.
Power-off cascade sequencing can be initiated by the
PWR_ON/OFF pin, via I
2C control or triggered by a
fault condition on any of the monitored inputs.
Toggling the PWR_ON/OFF pin to its inactive state will
initiate the Power-off sequence.
To
enable
software
control
of
the
Power-off
sequencing feature, the SMM665C offers an I
2C
command to initiate Power-off sequencing regardless
of the state of the PWR_ON/OFF pin. Furthermore,
Power-off sequencing can be initiated by a fault
condition on a monitored input.
Once Power-off sequencing begins, the SMM665C will
wait a Power-off delay time (tDPOFF) for any channel in
the last sequence position (reverse order) and then
deactivate the PUP outputs for those channels. The
Power-off delay times are individually programmable
for each channel. The SMM665C will then wait until
all VMX inputs of the channels assigned to that
sequence position are below the programmed OFF
thresholds.
At this point, the SMM665C will decrement to the next
sequence position and begin to timeout the Power-off
delay times for the associated channels. This process
continues until all of channels in the sequence have
turned off and are below their OFF thresholds. The
status register reveals that all sequenced channels
have turned off.
The Power-off sequencing mode
ends when all sequenced supplies are below their
OFF thresholds.
The programmable sequence termination timer can be
used to protect against a stalled Power-off sequence.
This timer resets itself at the beginning of each
sequence position.
All channels in the sequence
position must go below their OFF threshold before the
sequence termination timer times out (tSTT) or the
sequence will terminate and all PUP outputs will be
switched to their inactive state. This timer has four
settings of OFF, 100ms, 200ms and 400ms.
The
sequence termination timer can be disabled separately
for Power-off sequencing.
While the SMM665C is in the Power-off sequencing
mode the RST output is held active and the HEALTHY
output is held inactive regardless of trigger sources
(Figure 8). The Force Shutdown trigger option is also
disabled while in this mode.
Furthermore, the
SMM665C will not respond to activity on the
PWR_ON/OFF pin or to a Power-on I
2C command
during Power-off sequencing mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com