Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM665C Datasheet(PDF) 33 Page - Summit Microelectronics, Inc.

Part # SMM665C
Description  Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM665C Datasheet(HTML) 33 Page - Summit Microelectronics, Inc.

Back Button SMM665C Datasheet HTML 28Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 29Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 30Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 31Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 32Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 33Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 34Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 35Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 36Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
SMM665C
Summit Microelectronics, Inc
2125 3.1 7/22/2008
33
S
T
A
R
T
W
A
C
K
Master
Slave
A
C
K
Command and Status
Register Address
C
7
C
6
C
5
C
4
C
3
C
2
C
1
C
0
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
S
T
O
P
Data
A
C
K
1
0
0
1
A
2
Bus Address
A
1
A
0
Figure 25 – Command and Status Register Write
S
T
A
R
T
W
A
C
K
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
S
T
O
P
N
A
C
K
Master
Master
Slave
Slave
A
C
K
Data (n)
Command and Status
Register Address
C
7
C
6
C
5
C
4
C
3
C
2
C
1
C
0
S
T
A
R
T
R
A
C
K
A
C
K
D
7
D
6
D
5
D
2
D
1
D
0
A
C
K
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
Data (1)
1
0
0
1
A
2
Bus Address
A
1
A
0
1
0
0
1
A
2
Bus Address
A
1
A
0
Figure 26 - Command and Status Register Read
W
S
T
A
R
T
1 0 0
1 A
2
Bus Address
A
1
A
0
A
C
K
Master
Slave
Channel Address
0
A
C
K
C
H
3
C
H
2
C
H
1
C
H
0
0
0 0
S
T
A
R
T
1 0 0
1 A
2
A
1
A
0
R
C
H
3
C
H
2
C
H
1
0
C
H
0
(N)
A
C
K
0
D
9
D
8
A
C
K
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
N
A
C
K
S
T
O
P
10-Bit ADC Data
Channel Addr Echo
ADC conversion starts here
Insert a delay of 182µs or
start ACK polling here
Figure 27 – ADC Conversion Read
I2C PROGRAMMING INFORMATION (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com