Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM665C Datasheet(PDF) 3 Page - Summit Microelectronics, Inc.

Part # SMM665C
Description  Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM665C Datasheet(HTML) 3 Page - Summit Microelectronics, Inc.

  SMM665C Datasheet HTML 1Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 2Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 3Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 4Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 5Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
SMM665C
Summit Microelectronics, Inc
2125 3.1 7/22/2008
3
AIN
2
10-Bit ADC
VREF_ADC
AIN
1
VM
A
Active DC
Control
(ADOCTM)
CAP
A
VM
F
CAP
F
TRIM
A
TRIM_CAP
A
TRIM
F
TRIM_CAP
F
VREF_CNTL
FILT_CAP
12VIN
VDD
PUP
A
Cascade
Sequence
Control
PUP
B
PUP
C
PUP
D
PUP
E
PUP
F
FS
PWR_ON/OFF
3.6V or
5.5V
Regulator
Power Supply
Arbitrator
Temperature
Sensor
VDD_CAP
Output
Control
MR
RST
HEALTHY
FAULT
Memory, Limit
and Status
Registers
I2C
Interface
SDA
SCL
A2
GND
UVLO
Control
Figure 3 – SMM665C Internal Functional Block Diagram.
INTERNAL FUNCTIONAL BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com