Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM665C Datasheet(PDF) 36 Page - Summit Microelectronics, Inc.

Part # SMM665C
Description  Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM665C Datasheet(HTML) 36 Page - Summit Microelectronics, Inc.

Back Button SMM665C Datasheet HTML 28Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 29Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 30Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 31Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 32Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 33Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 34Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 35Page - Summit Microelectronics, Inc. SMM665C Datasheet HTML 36Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 36 / 36 page
background image
SMM665C
Summit Microelectronics, Inc
2125 3.1 7/22/2008
36
PART MARKING
ORDERING INFORMATION
NOTICE
NOTE 1 - This is a Final data sheet that describes a Summit product currently in production.
Revision 3.1 - This document supersedes all previous versions.
SUMMIT Microelectronics, Inc. reserves the right to make changes to the products contained in this publication in order to improve design,
performance or reliability. SUMMIT Microelectronics, Inc. assumes no responsibility for the use of any circuits described herein, conveys no license
under any patent or other right, and makes no representation that the circuits are free of patent infringement. Charts and schedules contained
herein reflect representative operating parameters, and may vary depending upon a user’s specific application. While the information in this
publication has been carefully checked, SUMMIT Microelectronics, Inc. shall not be liable for any damages arising as a result of any error or
omission.
SUMMIT Microelectronics, Inc. does not recommend the use of any of its products in life support or aviation applications where the failure or
malfunction of the product can reasonably be expected to cause any failure of either system or to significantly affect their safety or effectiveness.
Products are not authorized for use in such applications unless SUMMIT Microelectronics, Inc. receives written assurances, to its satisfaction, that:
(a) the risk of injury or damage has been minimized; (b) the user assumes all such risks; and (c) potential liability of SUMMIT Microelectronics, Inc.
is adequately protected under the circumstances.
© Copyright 2007 SUMMIT MICROELECTRONICS, Inc.
PROGRAMMABLE POWER FOR A GREEN PLANET™
ADOC
TM is a registered trademark of Summit Microelectronics Inc., I2C is a trademark of Philips Corporation.
SUMMIT
SMM665CF
AYYWW
Pin 1
Annn
Summit Part Number
Date Code (YYWW)
Part Number suffix (Contains Customer specific programming and
ordering requirements. The default device ordering number is not
marked on the device)
Lot tracking code (Summit use)
Drawing not to scale
xx
Status Tracking Code
(Blank, MS, ES, 01, 02,...)
(Summit Use)
Product Tracking Code (Summit use)
L
100% Sn, RoHS compliant
SMM665C F
Package
F = 48-Lead TQFP
Summit
Part
Number
Specific requirements are contained in the suffix such as Hex code, Hex
code revision, etc. The calibrated VREF voltage settings are standard
values of: 1.024, 1.225, 1.250, 2.048, 2.500, 3.000 or 3.300
nnn
Part Number Suffix
C
Temp Range
C=Commercial
Blank=Industrial
L
Environmental Attribute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com