Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC89x53AF Datasheet(PDF) 19 Page - Megawin Technology Co., Ltd

Part # MPC89x53AF
Description  8-bit micro-controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC89x53AF Datasheet(HTML) 19 Page - Megawin Technology Co., Ltd

Back Button MPC89x53AF Datasheet HTML 15Page - Megawin Technology Co., Ltd MPC89x53AF Datasheet HTML 16Page - Megawin Technology Co., Ltd MPC89x53AF Datasheet HTML 17Page - Megawin Technology Co., Ltd MPC89x53AF Datasheet HTML 18Page - Megawin Technology Co., Ltd MPC89x53AF Datasheet HTML 19Page - Megawin Technology Co., Ltd MPC89x53AF Datasheet HTML 20Page - Megawin Technology Co., Ltd MPC89x53AF Datasheet HTML 21Page - Megawin Technology Co., Ltd MPC89x53AF Datasheet HTML 22Page - Megawin Technology Co., Ltd MPC89x53AF Datasheet HTML 23Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
Baud-Rate Generator Mode (BRG)
Timer2 can be configured to generate various baud-rates. Bit TCLK and/or RCLK in T2CON
allow the serial port transmit and receive baud rates to be derived from either Timer1 or
Timer2. When TCLK=0, Timer1 is used as the serial port transmit baud rate generator. When
TCLK=1, Timer2 is used as the serial port transmit baud rate generator. RCLK has the same
effect for the serial port baud rate. With these two bits, the serial port can have different
receive and transmit baud rates – one generated from Timer1 and the other from Timer2.
In BRG mode, Timers is operated very like auto-reload up-only mode except that the T2EX pin
cannot control reload.
An overflow on Timer2 will load RCAP2H, RCAP2L contents onto
Timer2, but TF2 will not be set. A 1-to-0 transition on P2EX pin can set EXF2 to request
interrupt service if EXEN2=1.
The baud rate in UART Mode1 and Mode3 are determined by Timer2’s overflow rate given
below:
Timer2 overflow rate
16
Baud Rate
(counting T2EX)
=
Oscillator Frequency
[32 x [65536 – (RCAP2H, RCAP2L) ] ]
Baud Rate =
(as a timer)
TL2[7:0]
TH2[7:0]
RCAP2L[7:0]
RCAP2H[7:0]
“1”
“0”
“1”
“0”
2
“0” “1”
Timer1 overflow
16
16
RX Clock
TX Clock
SMOD
RCLK
TCLK
Timer2 interrupt
T2EX pin
EXEN2
EXF2
0
1
TR2
0
1
OSC/12
T2 pin
C//T2
MEGAWIN
MPC89x53A Data Sheet
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com