Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC89x53AF Datasheet(PDF) 27 Page - Megawin Technology Co., Ltd

Part # MPC89x53AF
Description  8-bit micro-controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC89x53AF Datasheet(HTML) 27 Page - Megawin Technology Co., Ltd

Back Button MPC89x53AF Datasheet HTML 23Page - Megawin Technology Co., Ltd MPC89x53AF Datasheet HTML 24Page - Megawin Technology Co., Ltd MPC89x53AF Datasheet HTML 25Page - Megawin Technology Co., Ltd MPC89x53AF Datasheet HTML 26Page - Megawin Technology Co., Ltd MPC89x53AF Datasheet HTML 27Page - Megawin Technology Co., Ltd MPC89x53AF Datasheet HTML 28Page - Megawin Technology Co., Ltd MPC89x53AF Datasheet HTML 29Page - Megawin Technology Co., Ltd MPC89x53AF Datasheet HTML 30Page - Megawin Technology Co., Ltd MPC89x53AF Datasheet HTML 31Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
2.
POWER-DOWN mode
The user can set the bit PCON.1 to drive this chip entering POWER-DOWN mode.
In the POWER-DOWN mode, the on-chip oscillator is stopped. The contents of on-chip RAM
and SFRs are maintained.
The power-down mode can be woken-up by either hardware reset or /INT0, /INT1, /INT2 and
/INT3 external interrupts. When it is woken-up by RESET pin, the program will execute from
the address 0x0000, and be carefully to keep RESET pin active for at least 10ms in order to
get a stable clock while waking up this chip from POWER-DOWN mode. If it is woken-up from
I/O, the program will jump to related interrupt service routine. To use I/O wake-up,
interrupt-related registers have to be programmed accurately before power-down is entered.
Pay attention to add at least one “NOP” instruction subsequent to the power-down
instruction if I/O waken-up is used.
Mode
Program Memory
ALE
PSEN
Port0
Port1
Port2
Port3
Idle
Internal
1
1
Data
Data
Data
Data
Idle
External
1
1
Float
Data
Address
Data
Power-Down
Internal
0
0
Data
Data
Data
Data
Power-Down
External
0
0
Float
Data
Data
Data
Pin Status in IDLE Mode and POWER-DOWN Mode
3. POWER-ON FLAG (POF)
The register bit in PCON.4 is set only by power-on action. System RESET from
watch-dog-timer, software RESET and RESET pin can not set this bit. It can be cleared by
firmware.
In System Programming (ISP)
To develop a good program for ISP function, the user has to understand the architecture of the
embedded flash.
The embedded flash consists of 30 pages. Each page contains 512 bytes.
Dealing with flash, the user must erase it in page unit before writing (programming) data into it.
Erasing flash means setting the content of that flash as FFh. Two erase modes are available in
this chip. One is mass mode and the other is page mode. The mass mode gets more
performance, but it erases the entire flash.
The page mode is something performance less,
but it is flexible since it erases flash in page unit.
Unlike RAM’s real-time operation, to erase flash or to write (program) flash often takes longer
time to finish.
MEGAWIN
MPC89x53A Data Sheet
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com