Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC89x53AF Datasheet(PDF) 20 Page - Megawin Technology Co., Ltd

Part # MPC89x53AF
Description  8-bit micro-controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC89x53AF Datasheet(HTML) 20 Page - Megawin Technology Co., Ltd

Back Button MPC89x53AF Datasheet HTML 16Page - Megawin Technology Co., Ltd MPC89x53AF Datasheet HTML 17Page - Megawin Technology Co., Ltd MPC89x53AF Datasheet HTML 18Page - Megawin Technology Co., Ltd MPC89x53AF Datasheet HTML 19Page - Megawin Technology Co., Ltd MPC89x53AF Datasheet HTML 20Page - Megawin Technology Co., Ltd MPC89x53AF Datasheet HTML 21Page - Megawin Technology Co., Ltd MPC89x53AF Datasheet HTML 22Page - Megawin Technology Co., Ltd MPC89x53AF Datasheet HTML 23Page - Megawin Technology Co., Ltd MPC89x53AF Datasheet HTML 24Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
Interrupt
There are eight interrupt sources available in MPC89x53A. Each interrupt source can be
individually enabled or disabled by setting or clearing a bit in the SFR named IE. This register
also contains a global disable bit (EA), which can be cleared to disable all interrupts at once.
Each interrupt source has two corresponding bits to represent its priority. One is located in
SFR named IPH and the other in IP/XICON register. Higher-priority interrupt will be not
interrupted by lower-priority interrupt request. If two interrupt requests of different priority levels
are received simultaneously, the request of higher priority is serviced. If interrupt requests of
the same priority level are received simultaneously, an internal polling sequence determines
which request is serviced. The following table shows the internal polling sequence in the same
priority level and the interrupt vector address.
Source
Vector address
Priority within level
External interrupt 0
03H
1 (highest)
Timer 0
0BH
2
External interrupt 1
13H
3
Timer1
1BH
4
Serial Port
23H
5
Timer2
2BH
6
External interrupt 2
33H
7
External interrupt 3
3BH
8
The external interrupt /INT0, /INT1, /INT2 and /INT3 can each be either level-activated or
transition-activated, depending on bits IT0 and IT1 in SFR TCON, IT2 and IT3 and XICON.
The flags that actually generate these interrupts are bits IE0 and IE1 in TCON, IE2 and IE3 in
XICON. When an external interrupt is generated, the flag that generated it is cleared by the
hardware.
When the service routine is vectored only if the interrupt was transition –activated,
and then the external requesting source controls the request flag, rather than the on-chip
hardware.
The Timer0 and Timer1 interrupts are generated by TF0 and TF1, which are set by a rollover
in their respective Timer/Counter registers in most cases. When a timer interrupt is generated,
the flag, which generated it, is cleared by the on-chip hardware as soon as the service routine
is vectored to.
The serial port interrupt is generated by the logical OR of RI and TI. Neither of these flags is
cleared by hardware when the service routine is vectored to. The service routine should poll RI
and TI to determine which one to request service and it will be cleared by software.
The timer2 interrupt is generated by the logical OR of TF2 and EXF2. Just the same as serial
port, neither of these flags is cleared by hardware when the service routine is vectored to.
20
MPC89x53A Data Sheet
MEGAWIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com