Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC89x53AF Datasheet(PDF) 24 Page - Megawin Technology Co., Ltd

Part # MPC89x53AF
Description  8-bit micro-controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC89x53AF Datasheet(HTML) 24 Page - Megawin Technology Co., Ltd

Back Button MPC89x53AF Datasheet HTML 20Page - Megawin Technology Co., Ltd MPC89x53AF Datasheet HTML 21Page - Megawin Technology Co., Ltd MPC89x53AF Datasheet HTML 22Page - Megawin Technology Co., Ltd MPC89x53AF Datasheet HTML 23Page - Megawin Technology Co., Ltd MPC89x53AF Datasheet HTML 24Page - Megawin Technology Co., Ltd MPC89x53AF Datasheet HTML 25Page - Megawin Technology Co., Ltd MPC89x53AF Datasheet HTML 26Page - Megawin Technology Co., Ltd MPC89x53AF Datasheet HTML 27Page - Megawin Technology Co., Ltd MPC89x53AF Datasheet HTML 28Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
Mode2
An 11-bit data is serially transmitted through TXD or received through RXD. The frame data
includes a start bit (0), 8 data bits, a programmable 9th bit and a stop bit (1). On transmit, the
9th data bit comes from TB8 in SFR SCON. On receive, the 9th data bit goes into RB8 in
SCON. The baud rate is programmable, and permitted to be set either 1/32 or 1/64 the
oscillator frequency.
Baud Rate (for Mode 2)
=
2
SMOD
64
X
Fosc
Mode3
Mode 3 is the same as mode 2 except the baud rate is variable.
2
SMOD
32
In all four modes, transmission is initiated by any instruction that uses SBUF as a destination
register. Reception is initiated in mode 0 by the condition RI = 0 and REN = 1. Reception is
initiated in the other modes by the incoming start bit with 1-to-0 transition if REN=1.
There are several SFR related to serial port configuration described as following.
SFR: SCON (Serial Port Control):
Bit-7
Bit-6
Bit-5
Bit-4
Bit-3
Bit-2
Bit-1
Bit-0
SM0/FE
SM1
SM2
REN
TB8
RB8
TI
RI
FE: Frame Error bit. This bit is set by the receiver when an invalid stop bit is detected. The FE bit is not
cleared by valid frames, but should be cleared by software. The SMOD0 (PCON.6) bit must be set to
enable access to the FE bit.
{ SM0, SM1 }: Used to set operating mode of the serial port. It is enabled to access by clearing SMOD0.
{ 0, 0 } := set the serial port operate under Mode 0
{ 0, 1 } := set the serial port operate under Mode 1
{ 1, 0 } := set the serial port operate under Mode 2
{ 1, 1 } := set the serial port operate under Mode 3
Baud Rate (for Mode 3)
=
(Timer-2 overflow rate)
16
or =
X (Timer-1 overflow rate)
24
MPC89x53A Data Sheet
MEGAWIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com