Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC89x53AF Datasheet(PDF) 3 Page - Megawin Technology Co., Ltd

Part # MPC89x53AF
Description  8-bit micro-controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC89x53AF Datasheet(HTML) 3 Page - Megawin Technology Co., Ltd

  MPC89x53AF Datasheet HTML 1Page - Megawin Technology Co., Ltd MPC89x53AF Datasheet HTML 2Page - Megawin Technology Co., Ltd MPC89x53AF Datasheet HTML 3Page - Megawin Technology Co., Ltd MPC89x53AF Datasheet HTML 4Page - Megawin Technology Co., Ltd MPC89x53AF Datasheet HTML 5Page - Megawin Technology Co., Ltd MPC89x53AF Datasheet HTML 6Page - Megawin Technology Co., Ltd MPC89x53AF Datasheet HTML 7Page - Megawin Technology Co., Ltd MPC89x53AF Datasheet HTML 8Page - Megawin Technology Co., Ltd MPC89x53AF Datasheet HTML 9Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
General Description
MPC89x53A is a single-chip 8-bit microcontroller with the instruction sets fully compatible with
industrial-standard 80C51 series microcontroller.
There is 15 Kbytes on-chip flash memory available for Application program code and
In-System Programming code. In-System-Programming allows the users to download new
code while the microcontroller sits in the running state.
There are 512 bytes on-chip RAM embedded that are provided to implement wide field
applications. The user can configure the device to run in 12 clocks per machine cycle, or 6
clocks per machine cycle to achieve twice performance.
MPC89x53A is built with four 8-bit I/O ports, one 4-bit I/O ports, three 16-bit timer/counters, an
eight-source, four-priority-level interrupt structure, an enhanced UART and on-chip crystal
oscillator. It was fabricated in advanced embedded flash CMOS technology.
Excellent flash-endurance, flash-retention, and code-protecting security make MPC89x53A as
an excellent microcontroller.
If the supply voltage of the device is lower than 3.7V/2.4V (Operate in the 5V/3V).The device
can automatically go to reset, and we have named it the Low-Voltage-Reset.
Order Information:
Part Number
Temperature
Range
Package
Packing
Operation Voltage
x : (L/E)
MPC89x53AE
Industrial
PDIP-40
Tube
L:3V / E:5V
MPC89x53AP
Industrial
PLCC-44
Tube
L:3V / E:5V
MPC89x53AF
Industrial
PQFP-44
Tube
L:3V / E:5V
MEGAWIN
MPC89x53A Data Sheet
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com