Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC89x53AF Datasheet(PDF) 30 Page - Megawin Technology Co., Ltd

Part # MPC89x53AF
Description  8-bit micro-controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC89x53AF Datasheet(HTML) 30 Page - Megawin Technology Co., Ltd

Back Button MPC89x53AF Datasheet HTML 26Page - Megawin Technology Co., Ltd MPC89x53AF Datasheet HTML 27Page - Megawin Technology Co., Ltd MPC89x53AF Datasheet HTML 28Page - Megawin Technology Co., Ltd MPC89x53AF Datasheet HTML 29Page - Megawin Technology Co., Ltd MPC89x53AF Datasheet HTML 30Page - Megawin Technology Co., Ltd MPC89x53AF Datasheet HTML 31Page - Megawin Technology Co., Ltd MPC89x53AF Datasheet HTML 32Page - Megawin Technology Co., Ltd MPC89x53AF Datasheet HTML 33Page - Megawin Technology Co., Ltd MPC89x53AF Datasheet HTML 34Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
IFMT ← xxxxx010 b
/* choice byte-programming command */
ISPCR ← 100xx010b
/* set ISPEN=1 to enable flash change.
set WAIT=010, 60 MC; assumed 10M X’s*/
IFADRH ← (Address high byte)
/* specify the address to be programmed */
IFADRL ← (Address low byte)
IFD ← (byte date to be written into flash)
/* prepare data source */
SCMD ← 46h
/* trig ISP activity */
SCMD ← B9h
(CPU progressing will be hold here)
(CPU continues)
Program a byte into flash
IFMT ← xxxxx001 b
/* choice byte-read command */
ISPCR ← 100xx010b
/* set ISPEN=1 to enable flash change.
set WAIT=010, 11 MC; assumed 10M X’s*/
IFADRH ← (Address high byte)
/* specify the address to be read */
IFADRL ← (Address low byte)
SCMD ← 46h
/* trig ISP activity */
SCMD ← B9h
(CPU progressing will be hold here)
(CPU continues and currently IFD contain the desired data byte )
Read a byte from flash
Booting Program Entrance
The MPC89x53A boots according to the following rule.
System will boot from normal AP program
else
System will boot from ISP program
If
( HWBS == 0 )
&& ( { ISPAS1, ISPAS0}
≠ { 1, 1 })
Above rule is adaptive only for power-up procedure, while not software reset.
Switching from ISP program to AP program
The device permits the user normally start running the AP program as soon as the ISP
program has finished updating the flash content. Just program an instruction at the tail of ISP
program as
ISPCR ←
001xxxxx
b
30
MPC89x53A Data Sheet
MEGAWIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com