Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP78084 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP78084
Description  Total Power solution of Portable Applications 800mA Charge 800mA Buck DC/DC300mA LDO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP78084 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP78084 Datasheet HTML 1Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 2Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 3Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 4Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 5Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 6Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 7Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 8Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Preliminary Datasheet
LP78084
LP78084 – 02 Ver. 1.1 Datasheet
Nov.-2007
Page 1 of 22
Total Power solution of Portable Applications
800mA Charge +800mA Buck DC/DC+300mA LDO
General Description
The
LP78084
is
a
complete
constant-current/
constant-voltage linear battery charger for a single-cell
4.2V lithium-ion battery with a 800mA step-down converter,
and a 300mA low dropout (LDO) linear regulator. The
input voltage range is 3.75V to 5.5V for the battery
charger and 2.6V to 5.5V for the step-down converter and
linear regulator, making it ideal for applications operating
with single-cell lithium-ion/polymer batteries.
The battery charger offers an integrated pass device, reverse
blocking protection, high accuracy current and voltage
regulation, charge status, and charge termination. The
charging current is programmable via external resistor
from 15mA to 800mA. In addition to these standard
features,
the
device
offers
current
limit,
thermal
protection, and soft-start.
The step-down converter is a highly integrated converter
operating at a 1.5MHz switching frequency, minimizing the
size of external components while keeping switching losses
low. It has independent input and enable pins. The output
voltage ranges from 0.6V to the input voltage.
The LP78084 linear regulator is designed for fast
transient response and good power supply ripple rejection.
Designed
for
300mA of
load
current,
it
includes
short-circuit protection and thermal shutdown.
The LP78084 is available in a 16-lead 3mm*4mm TDFN
package and is rated over the -40°C to 85°C temperature
range.
Order Information
LP78084 - □ □
□ □ □
F: Pb-Free
Package Type
QV: TDFN-16
LDO Output Voltage
33: 3.3V
30: 3.0V
28: 2.8V
18: 1.8V
Applications
Portable Media Players/MP3 players
Cellular and Smart mobile phone
PDA/DSC
Bluetooth Applications
Features
Battery Charger:
− Input Voltage Range : 3.75 V to 5.5V
− Constant-Current/Constant-Voltage Operation
with Thermal Feedback to Maximize Charge
Rate Without Risk of Overheating
− Internal 4.5 Hour Safety Timer for Termination
− Charge Current Programmable Up to 800mA
with 5% Accuracy
− C/10 Charge Current Detection Output
− 5 uA Supply Current in Shutdown Mode
Synchronous Buck Converter:
− Input Voltage Range: 2.6V to 5.5V
− Output Voltage Range: 0.6V to VIN
− 800mA Output Current
− Up to 90% Efficiency
− 36u A Quiescent Current
− 1.5MHz Switching Frequency
− 120 uS Start-Up Time
Linear Regulator:
− 300mA Output Current
− Low Dropout: 150mV at 300mA
− Fast Line and Load Transient Response
− High Accuracy: ± 1.5%
− 84uA Quiescent Current
Short-Circuit, Over-Temperature, and Current
Limit Protection
3 m m × 4 m m TDFN-16 Package
RoHS Compliant and 100% Lead (Pb)-Free
Typical Application Circuit
ENA
R1
AC/USB
VA
BATT
ENB
11
9
13
6
3
4
8
15
1
5
7
16
AC/USB
STAT
ENA
EN_BAT
ENB
VinA
BATT
LX
FB
OUTA
Iset
VINB
LP78084
VOUTA
VOUTB
R2
Marking Information
Please see website.


Similar Part No. - LP78084

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP78081 POWER-LP78081 Datasheet
385Kb / 8P
600mA High Efficiency Synchronous Buck with 350mA LDO
LP78081-30B6F POWER-LP78081-30B6F Datasheet
385Kb / 8P
600mA High Efficiency Synchronous Buck with 350mA LDO
LP78081-33B6F POWER-LP78081-33B6F Datasheet
385Kb / 8P
600mA High Efficiency Synchronous Buck with 350mA LDO
LP78083 POWER-LP78083 Datasheet
399Kb / 8P
650mA High Efficiency Synchronous Buck with Dual Channel LDO
LP78083-30/30QVF POWER-LP78083-30/30QVF Datasheet
399Kb / 8P
650mA High Efficiency Synchronous Buck with Dual Channel LDO
More results

Similar Description - LP78084

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2830 ANALOGICTECH-AAT2830 Datasheet
540Kb / 21P
800mA Total Display Solution for Portable Devices
AAT2550 ANALOGICTECH-AAT2550_08 Datasheet
782Kb / 34P
Total Power Solution for Portable Applications
AAT2552 ANALOGICTECH-AAT2552_08 Datasheet
829Kb / 31P
Total Power Solution for Portable Applications
logo
Linear Technology
LTC3538 LINER-LTC3538 Datasheet
210Kb / 16P
800mA Synchronous Buck-Boost DC/DC Converter
logo
BCD Semiconductor Manuf...
AP3406A BCDSEMI-AP3406A Datasheet
680Kb / 12P
1.1MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
logo
ACE Technology Co., LTD...
ACE721A ACE-ACE721A Datasheet
226Kb / 8P
1.2MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
VER 1.3
logo
BCD Semiconductor Manuf...
AP3406A BCDSEMI-AP3406A_11 Datasheet
655Kb / 13P
1.1MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
AP3422 BCDSEMI-AP3422 Datasheet
496Kb / 11P
Dual 1.1MHz, 800mA Synchronous DC-DC Buck Converter
logo
SiGe Semiconductor, Inc...
AATIAN49 SIGE-AATIAN49 Datasheet
155Kb / 5P
800mA Total Display Solution for Portable Devices
logo
Linear Technology
LTC3538 LINER-LTC3538_15 Datasheet
216Kb / 16P
800mA Synchronous Buck-Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com