Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP78084 Datasheet(PDF) 14 Page - Lowpower Semiconductor inc

Part # LP78084
Description  Total Power solution of Portable Applications 800mA Charge 800mA Buck DC/DC300mA LDO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP78084 Datasheet(HTML) 14 Page - Lowpower Semiconductor inc

Back Button LP78084 Datasheet HTML 10Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 11Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 12Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 13Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 14Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 15Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 16Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 17Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 18Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Preliminary Datasheet
LP78084
LP78084 – 02 Ver. 1.1 Datasheet
Nov.-2007
Page 14 of 22
Operation
The LP78084 is a full-featured linear battery charger with
an integrated synchronous buck converter, and a linear
regulator designed primarily for handheld applications. The
battery charger is capable of charging single-cell 4.2V
Li-Ion batteries. The buck converter is powered from the
VINB pin and has a programmable output voltage providing
a maximum load current of 600mA. The linear regulator is
design
for
low
noise,
low-dropout
application.
The
converter, the linear regulator and the battery charger can
run simultaneously or independently of each other.
BATTERY CHARGER OPERATION
Featuring an internal P-channel power MOSFET, MP1, the
battery charger uses a constant-current/constant-voltage
charge
algorithm with
programmable
current.
Charge
current can be programmed up to 500mA with a final float
voltage of 4.2V ± 1%. The STAT open-drain status output
indicates when C/10 has been reached. No blocking diode or
external sense resistor is required; thus, the basic charger
circuit requires only two external components. An internal
termination timer adheres to battery manufacturer safety
guidelines. Furthermore, the LP78084 battery charger is
capable of operating form a USB power source.
A charge cycle begins when the voltage at the ADP pin rises
above 3.6V and approximately 1 10mV above the BAT pin
voltage, a 1% program resistor is connected form the ISET
pin to ground, and the EN_BAT pin is pulled above the
enable threshold (VIH ). If the battery voltage is less than
2.95V, the battery charger begins trickle charging at 10% of
the programmed charge current.
When the BAT pin approaches the final float voltage of 4.2V,
the battery charger enters constant-voltage mode and the
charge current begins to decrease. When the current drops to
10% of the full-scale charge current, an internal comparator
turns off the N-channel MOSFET driving the STAT pin, and
the pin becomes high impedance.
An internal thermal limit reduces the programmed charge
current if the die temperature attempts to rise above a preset
value of approximately 115℃. This feature protects the
LP78084 from excessive temperature and allows the user to
push the limits of the power handling capability of a given
circuit board without the risk of damaging the LP78084 or
external components. Another benefit of the thermal limit is
that charge current can be set according to typical, rather
than
worst-case,
ambient
temperatures
for
a
given
application with the assurance that the battery charger will
automatically reduce the current in worst-case conditions.
An internal timer sets the total charge time, tTI M E R
(typically 4.5 hours). When this time elapses, the charge
cycle terminates and the STAT pin assumes a high
impedance state even if C/10 has not yet been reached. To
restart the charge cycle, remove the input-voltage and
reapply it or momentarily force the EN_BAT pin below VIL .
A new charge cycle will automatically restart if the BAT pin
voltage falls below VBAT_EOC (typically 4.05V).
Constant-Current / Constant-Voltage /
Constant- Temperature
The LP78084 battery charger uses a unique architecture to
charge a battery in a constant-current, constant-voltage and
constant-temperature fashion. Figure 2 shows a Simplified
Block Diagram of the LP78084. Three of the amplifier
feedback loops shown control the constant-current, CA,
constant-voltage, VA, and constant-temperature, TA modes.
A fourth amplifier feedback loop, MA, is used to increase
the output impedance of the current source pair, MP 1 and
MP3 (note that MP1 is the internal P-channel power
MOSFET). It ensures that the drain current of MP 1 is
exactly 400 times the drain current of MP3.
Amplifiers CA and VA are used in separate feedback loops
to force the charger into constant-current or constant
voltage mode, respectively. Diodes D1 and D2 provide
priority to either the constant-current or constant-voltage
loop, whichever is trying to reduce the charge current the
most. The output of the other amplifier saturates low which
effectively removes its loop from the system. When in
constant-current mode, CA servos the voltage at the ISET
pin to be precisely 1V. VA servos its non-inverting input to
1.22V when in constant-voltage mode and the internal
resistor divider made up of R1 and R2 ensures that the
battery voltage is maintained at 4.2V. The ISET pin voltage
gives an indication of the charge current anytime in the
charge cycle, as discussed in “Programming Charge
Current” in the Applications Information section.
If the die temperature starts to creep up above 115°C due to
internal power dissipation, the transconductance amplifier,
TA, limits the die temperature to approximately 115°C by
reducing the charge current. Diode D3 ensures that TA does
not affect the charge current when the die temperature is
below 115°C. In thermal regulation, the ISET pin voltage
continues to give an indication of the charge current.
In
typical
operation,
the
charge
cycle
begins
in
constant-current mode with the current delivered to the
battery equal to 400V/RISET. If the power dissipation of the
EUP8 084 results in the junction temperature approaching
115°C, the amplifier (TA) will begin decreasing the charge
current to limit the die temperature to approximately 115°C.
As the battery voltage rises, the LP78084 either returns to
constant-current mode or enters constant-voltage mode
straight from constant-temperature mode.
Battery Charger Undervoltage Lockout (UVLO)
An internal undervoltage lockout circuit monitors the input
voltage and keeps the battery charger off until ADP rises
above 3 .6V and approximately 11 0mV above the BAT pin
voltage. The 3.6V UVLO circuit has a built-in hysteresis of
approximately 0.6V, and the 110mV automatic shutdown
threshold has a built-in hysteresis of approximately 65 mV.
During undervoltage lockout conditions, maximum battery
drain current is 5 uA and maximum supply current is 10 uA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com