Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP78084 Datasheet(PDF) 16 Page - Lowpower Semiconductor inc

Part # LP78084
Description  Total Power solution of Portable Applications 800mA Charge 800mA Buck DC/DC300mA LDO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP78084 Datasheet(HTML) 16 Page - Lowpower Semiconductor inc

Back Button LP78084 Datasheet HTML 12Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 13Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 14Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 15Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 16Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 17Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 18Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 19Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 20Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Preliminary Datasheet
LP78084
LP78084 – 02 Ver. 1.1 Datasheet
Nov.-2007
Page 16 of 22
Where PD
=IL OAD 2 × RDS ( O N) is the power dissipated by the
regulator ; JA is the thermal resistance from the junction of
the die to the ambient temperature.
The junction temperature, TJ , is given by:
Where TA is the ambient temperature.
TJ should be below the maximum junction temperature of
150°C.
Linear Regulator Operation:
The LP78084 includes a low-noise, low-dropout, linear
regulator operates from a 2.5V to 5.5V input and is
guaranteed to deliver 300mA.
The linear regulator is stable with small 2.2µF ceramic
capacitor.
Its
performance
suits
battery
powered
applications because of its shutdown mode, low quiescent
current, and very low dropout voltage. The low dropout
voltage allows for more utilization of a battery’s available
energy by operating closer to its end-of-life voltage.
A P PL IC AT I O N S IN F O RM AT IO N
BATTERY CHARGER
Programming Charge Current
The battery charge current is programmed using a single
resistor from the ISET pin to ground. The charge current is
400 times the current out of the ISET pin. The program
resistor and the charge current are calculated using the
following equations:
The charge current out of the BAT pin can be determined at
any time by monitoring the ISET pin voltage and using the
following equation:
Stability Considerations
The LP78084 battery charger contains two control loops:
constant-voltage and constant-current. The constant-voltage
loop is stable without any compensation when a battery is
connected with low impedance leads. Excessive lead length,
however, may add enough series inductance to require a
bypass capacitor of at least 1 F from BAT to GND.
In constant-current mode, the ISET pin voltage is in the
feedback loop, not the battery voltage. Because of the
additional pole created by ISET pin capacitance, capacitance
on this pin must be kept to a minimum. With no additional
capacitance on the ISET pin, the battery charger is stable
with ISET resistor values as high as 25k. However, additional
capacitance on this node reduces the maximum allowed
program resistor. The pole frequency at the ISET pin should
be kept above 100kHz. Therefore, if the ISET pin is loaded
with a capacitance, CISET, the following equation should be
used to calculate the maximum resistance value for RIS E T :
21 0
IS
Average, rather than instantaneous, battery current may be
of interest to the user. For example, when the switching
regulator operating in low-current mode is connected in
parallel with the battery, the average current being pulled out
of the BAT pin is typically of more interest than the
instantaneous current pulses. In such a case, a simple RC
filter can be used on the ISET pin to measure the average
battery current as shown in Figure 3. A 10k resistor has been
added between the ISET pin and the filter capacitor to
ensure stability.
Figure 3. Isolating Capacitive Load on ISET Pin and Filtering
Undervoltage Charge Current Limiting (UVCL)
USB powered systems tend to have highly variable source
impedances (due primarily to cable quality and length). A
transient load combined with such impedance can easily trip
the UVLO threshold and turn the battery charger off unless
undervoltage charge current limiting is implemented.
Consider a situation where the LP78084 is operating under
normal conditions and the input supply voltage begins to sag
(e.g. an external load drags the input supply down). If the
input voltage reaches VUVCL (approximately 300mV above
the battery voltage,
), under-voltage charge current
limiting will begin to reduce the charge current in an
attempt to maintain
between ADP and BAT. The
LP78084 will continue to operate at the reduced charge
current until the input supply voltage is increased or voltage
mode reduces the charge current further.
Operation from Current Limited Wall Adapter
By using a current limited wall adapter as the input supply,
the LP78084 can dissipate significantly less power when
programmed for a current higher than the limit of the
supply.
Consider a situation where an application requires a 200mA
charge current for a discharged 800mAh Li-Ion battery. If a
typical 5V (non-current limited) input supply is available
then the peak power dissipation inside the part can exceed
300mW.
Now consider the same scenario, but with a 5V input supply
with a 200mA current limit. To take advantage of the supply,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com