Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP78084 Datasheet(PDF) 18 Page - Lowpower Semiconductor inc

Part # LP78084
Description  Total Power solution of Portable Applications 800mA Charge 800mA Buck DC/DC300mA LDO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP78084 Datasheet(HTML) 18 Page - Lowpower Semiconductor inc

Back Button LP78084 Datasheet HTML 12Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 13Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 14Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 15Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 16Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 17Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 18Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 19Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 20Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Preliminary Datasheet
LP78084
LP78084 – 02 Ver. 1.1 Datasheet
Nov.-2007
Page 18 of 22
ADP Bypass Capacitor
Many types of capacitors can be used for input bypassing;
however, caution must be exercised when using multi-layer
ceramic capacitors. Because of the self-resonant and high Q
characteristics of some types of ceramic capacitors, high
voltage transients can be generated under some start-up
conditions, such as connecting the battery charger input to a
live power source.
SWITCHING
REGULATOR
Inductor Selection
The output inductor is selected to limit the ripple current to
some predetermined value, typically 20%~40% of the full
load current at the maximum input voltage. Large value
inductors lower ripple currents. Higher VIN or VOU T also
increases the ripple current as shown in equation. A
reasonable starting point for setting ripple current is
IL =240mA (40% of 600mA).
The DC current rating of the inductor should be at least
equal to the maximum load current plus half the ripple
current to prevent core saturation. Thus, a 720mA rated
inductor
should
be
enough
for
most
applications
(600mA+120mA). For better efficiency, choose a low
DC-resistance inductor.
CIN and COUT Selection
In continuous mode, the source current of the top MOSFET
is a square wave of duty cycle VOUT/VIN. The primary
function of the input capacitor is to provide a low
impedance loop for the edges of pulsed current drawn by the
LP78084. A low ESR input capacitor sized for the maximum
RMS current must be used. The size required will vary
depending on the load, output voltage and input voltage
source impedance characteristics. A typical value is around
4.7µF.
The input capacitor RMS current varies with the input
voltage and the output voltage. The equation for the
maximum RMS current in the input capacitor is:
The output capacitor COUT has a strong effect on loop
stability. The selection of COUT is driven by the required
effective series resistance (ESR).
ESR is a direct function of the volume of the capacitor;
that is, physically larger capacitors have lower ESR. Once
the ESR requirement for COUT has been met, the
RMS current rating generally far exceeds the IRI PPL E ( P- P )
requirement. The output ripple VOUT is determined by:
When choosing the input and output ceramic capacitors,
choose the X5R or X7R dielectric formulations. These
dielectrics
have
the
best
temperature
and
voltage
characteristics of all the ceramics for a given value and
size.
Output Voltage Programming
The output voltage is set by a resistive divider according
to the following formula:
The external resistive divider is connected to the output,
allowing remote voltage sensing as shown in Figure 5.
LINEAR
REGULATOR
External Capacitors
Like any low-dropout regulator, the regulator requires
external capacitors for regulator stability. The regulator is
specifically designed for portable applications requiring
minimum board space and smallest components. These
capacitors must be correctly selected for good performance.
Input Capacitor
A minimum input capacitance of 1 µF is required between
the regulator input pin and ground (the amount of the
capacitance may be increased without limit).This capacitor
must be located a distance of not more than 1cm from the
input pin and returned to a clean analog ground.
Any good quality ceramic, tantalum, or film capacitor may
be used at the input. If a tantalum capacitor is used at the
input, it must be guaranteed by the manufacturer to
have a surge current rating sufficient for the application.
No-Load Stability
The regulator will remain stable and in regulation with no
external load. This is specially important in CMOS RAM
keep-alive applications.
Output Capacitance
The regulator is specifically designed to employ ceramic
output capacitors as low as 2.2µF. Ceramic capacitors below
10µF offer significant cost and space savings, along with
high frequency noise filtering. Higher values and other
types and of capacitor may be used, but their equivalent
series resistance (ESR) should be maintained below 0 . 5 .
Ceramic capacitor of the value required by the regulator are
available in the following dielectric types: Z5U, Y5V, X5R,
and X7R. The Z5U and Y5V types exhibit a 50% or more



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com