Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP78084 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP78084
Description  Total Power solution of Portable Applications 800mA Charge 800mA Buck DC/DC300mA LDO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP78084 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP78084 Datasheet HTML 1Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 2Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 3Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 4Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 5Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 6Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 7Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 8Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Preliminary Datasheet
LP78084
LP78084 – 02 Ver. 1.1 Datasheet
Nov.-2007
Page 2 of 22
Functional Pin Description
P a ckag e Ty pe
P i n C o nf i g urat ion s
TDFN- 16
Pi n Desc ript io n
Pin
PIN
DESCRIPTION
1
FB
Feedback input. This pin must be connected directly to an external resistor divider.
Nominal voltage is 0.6V.
2,10,12,14
GND
Ground.
3
ENB
Enable pin for the step-down converter. When connected to logic low, the step-down
converter is disabled and consumes less than 1 µA of current. When connected to
logic high, the converter resumes normal operation.
4
VINA
Linear regulator input voltage. Connect a 1 µF or greater capacitor from this pin to
ground.
5
OUTA
Linear regulator output. Connect a 2.2µF capacitor from this pin to ground.
6
EN_BAT
Enable pin for the battery charger. When connected to logic low, the battery charger
is disabled and consumes less than 1 µA of current. When connected to logic high, the
charger resumes normal operation.
7
ISET
Charge current set point. Connect a resistor from this pin to ground. Refer to typical
characteristics curves for resistor selection.
8
BAT
Battery charging and sensing.
9
STAT
Charge status input. Open drain status output.
11
ADP
Input for USB/adapter charger.
13
ENA
Enable pin for the linear regulator. When connected to logic low, the regulator is
disabled and consumes less than 1 µA of current. When connected to logic high, it
resumes normal operation.
15
LX
Output of the step-down converter. Connect the inductor to this pin. Internally, it is
connected to the drain of both high- and low-side MOSFETs.
16
VINB
Input voltage for the step-down converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com