Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP78084 Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP78084
Description  Total Power solution of Portable Applications 800mA Charge 800mA Buck DC/DC300mA LDO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP78084 Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP78084 Datasheet HTML 1Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 2Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 3Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 4Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 5Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 6Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 7Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 8Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Preliminary Datasheet
LP78084
LP78084 – 02 Ver. 1.1 Datasheet
Nov.-2007
Page 4 of 22
Absolute Maximum Ratings
Input Voltage to GND (VINA, VINB) ---------------------------------------------------------------------------- 6V
Adapter Voltage to GND (VADP) ----------------------------------------------------------------------0.3V to 6V
LX to GND (VLX) ----------------------------------------------------------------------------- 0.3V to VIN +0.3V
FB to GND (VFB) ------------------------------------------------------------------------------ 0.3V to VIN +0.3V
ENA, ENB, EN_BAT to GND (VEN) ----------------------------------------------------------------0.3V to 6V
BAT, ISET, STAT (VX) ----------------------------------------------------------------------0.3V to VADP+0.3V
Operating Junction Temperature Range (TJ) ----------------------------------------------------40℃ to 150℃
Maximum Soldering Temperature (at leads, 1 0sec) ----------------------------------------------------- 260℃
Thermal Information
Maximum Power Dissipation (PD) --------------------------------------------------------------------------- 2W
Thermal Resistance (JA) ------------------------------------------------------------------------------------50℃/W
Electrical Characteristics
(VINA
=VOUT(NOM) + 1V for
VOUT
options greater than 1 .5V. IOUT = 1mA, COUT = 2.2µF, CIN = 1µF, TA = -40℃ to 85℃ ,
unless otherwise noted. Typical values are TA=25℃ )
LP78084
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Step-Down Converter
VIN
Input Voltage
2.6
5.5
V
VINB Rising
2.6
V
Hysteresis
200
mV
VUVLO
UVLO Threshold
VINB Falling
2.4
V
VOUT
Output Voltage Tolerance
IOUTB = 0 to 250mA,
VINB = 2.6V to 5.5V
-3
3
%
VOUT
Output Voltage Range
0.6
VINB
V
IQ
Quiescent Current
No Load
36
µA
ISHDN
Shutdown Current
ENB = GND
1
µA
ILIM
P-Channel Current Limit
1
A
RDS(ON)H
High-Side Switch On Resistance
0.26
RDS(ON)L
Low-Side Switch On Resistance
0.28
ILXLEAK
LX Leakage Current
VINB = 5.5V, VLX = 0 to VINB
1
µA
∆VLine-reg/∆VIN
Line Regulation
VINB = 2.8V to 5.5V
0.2
0.4
%/V
VFB
Feedback Threshold Voltage
Accuracy
VINB = 3.6V
0.588
0.6
0.612
V
IFB
FB Leakage Current
VOUTB = 1 .0V
0.2
µA
FOSC
Oscillator Frequency
1.2
1.5
1.8
MHz
TS
Startup Time
From Enable to Output Regulation
120
µs
TSD
Over-Temperature Shutdown
Threshold
150
℃
THYS
Over-Temperature Shutdown
Hysteresis
20
℃
VEN(L)
Enable Threshold Low
0.4
V
VEN(H)
Enable Threshold High
1.4
V
IEN
Input Low Current
VINB = VENB = 5.5V
-1
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com