Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6566RT-E/SL Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP6566RT-E/SL
Description  1.8V Low Power Open-Drain Output Comparator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6566RT-E/SL Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP6566RT-E/SL Datasheet HTML 21Page - Microchip Technology MCP6566RT-E/SL Datasheet HTML 22Page - Microchip Technology MCP6566RT-E/SL Datasheet HTML 23Page - Microchip Technology MCP6566RT-E/SL Datasheet HTML 24Page - Microchip Technology MCP6566RT-E/SL Datasheet HTML 25Page - Microchip Technology MCP6566RT-E/SL Datasheet HTML 26Page - Microchip Technology MCP6566RT-E/SL Datasheet HTML 27Page - Microchip Technology MCP6566RT-E/SL Datasheet HTML 28Page - Microchip Technology MCP6566RT-E/SL Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
© 2009 Microchip Technology Inc.
DS22143B-page 25
MCP6566/6R/6U/7/9
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
5-Lead SC70
(MCP6566)
Example:
XXNN
5-Lead SOT-23
(MCP6566, MCP6566R)
Example:
XXNN
JY25
BJ25
8-Lead SOIC (150 mil)
(MCP6567)
Example:
XXXXXXXX
XXXXYYWW
NNN
MCP6567E
SN^^0934
256
3
e
8-Lead MSOP
(MCP6567)
Example:
XXXXXX
YWWNNN
6567E
934256
Device
Code
MCP6566T
JYNN
MCP6566RT
JZNN
MCP6566UT
WLNN
Note: Applies to 5-Lead SOT-23.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com