Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6566RT-E/SL Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP6566RT-E/SL
Description  1.8V Low Power Open-Drain Output Comparator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6566RT-E/SL Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP6566RT-E/SL Datasheet HTML 5Page - Microchip Technology MCP6566RT-E/SL Datasheet HTML 6Page - Microchip Technology MCP6566RT-E/SL Datasheet HTML 7Page - Microchip Technology MCP6566RT-E/SL Datasheet HTML 8Page - Microchip Technology MCP6566RT-E/SL Datasheet HTML 9Page - Microchip Technology MCP6566RT-E/SL Datasheet HTML 10Page - Microchip Technology MCP6566RT-E/SL Datasheet HTML 11Page - Microchip Technology MCP6566RT-E/SL Datasheet HTML 12Page - Microchip Technology MCP6566RT-E/SL Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
© 2009 Microchip Technology Inc.
DS22143B-page 9
MCP6566/6R/6U/7/9
Note: Unless otherwise indicated, V
DD = +1.8V to +5.5V, VSS = GND, TA = +25°C, VIN+ = VDD/2, VIN– = GND,
RL = 20 kΩ to VPU = VDD, and CL = 25 pF.
FIGURE 2-13:
Input Offset Voltage vs.
Supply Voltage vs. Temperature.
FIGURE 2-14:
Quiescent Current.
FIGURE 2-15:
Quiescent Current vs.
Common-mode Input Voltage.
FIGURE 2-16:
Input Hysteresis Voltage vs.
Supply Voltage vs. Temperature.
FIGURE 2-17:
Quiescent Current vs.
Supply Voltage vs Temperature.
FIGURE 2-18:
Quiescent Current vs.
Common-mode Input Voltage.
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
1.5
2.5
3.5
4.5
5.5
VDD (V)
TA= -40°C
TA= +85°C
TA= +25°C
TA= +125°C
0%
10%
20%
30%
40%
50%
60
70
80
90
100
110
120
130
IQ (µA)
VDD = 5.5V
Avg. = 97 µA
StDev= 4 µA
1794 units
VDD = 1.8V
Avg. = 88 µA
StDev= 4 µA
1794 units
60
70
80
90
100
110
120
130
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
VCM (V)
VDD = 1.8V
Sweep VIN+ ,VIN- = VDD/2
Sweep VIN- ,VIN+ =
V /2
Sweep VIN+ ,VIN- = VDD/2
Sweep VIN- ,VIN+ = VDD/2
1.0
2.0
3.0
4.0
5.0
1.5
2.5
3.5
4.5
5.5
VDD (V)
TA= +85°C
TA= +125°C
TA= +25°C
TA= -40°C
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
VDD (V)
TA= -40°C
TA= +85°C
TA= +125°C
TA= +25°C
60
70
80
90
100
110
120
130
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
VCM (V)
VDD = 5.5V
Sweep VIN+ ,VIN- = VDD/2
Sweep VIN- ,VIN+ = VDD/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com