Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6566RT-E/SL Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP6566RT-E/SL
Description  1.8V Low Power Open-Drain Output Comparator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6566RT-E/SL Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP6566RT-E/SL Datasheet HTML 6Page - Microchip Technology MCP6566RT-E/SL Datasheet HTML 7Page - Microchip Technology MCP6566RT-E/SL Datasheet HTML 8Page - Microchip Technology MCP6566RT-E/SL Datasheet HTML 9Page - Microchip Technology MCP6566RT-E/SL Datasheet HTML 10Page - Microchip Technology MCP6566RT-E/SL Datasheet HTML 11Page - Microchip Technology MCP6566RT-E/SL Datasheet HTML 12Page - Microchip Technology MCP6566RT-E/SL Datasheet HTML 13Page - Microchip Technology MCP6566RT-E/SL Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
MCP6566/6R/6U/7/9
DS22143B-page 10
© 2009 Microchip Technology Inc.
Note: Unless otherwise indicated, V
DD = +1.8V to +5.5V, VSS = GND, TA = +25°C, VIN+ = VDD/2, VIN– = GND,
RL = 20 kΩ to VPU = VDD, and CL = 25 pF.
FIGURE 2-19:
Quiescent Current vs.
Pull-up Voltage.
FIGURE 2-20:
Quiescent Current vs.
Toggle Frequency.
FIGURE 2-21:
Output Headroom vs Output
Current.
FIGURE 2-22:
Quiescent Current vs.
Pull-up to Supply Voltage Difference.
FIGURE 2-23:
Output Leakage Current vs.
Pull-up Voltage.
FIGURE 2-24:
Output Headroom Vs Output
Current.
50
75
100
125
150
0.5 1.5 2.5 3.5 4.5 5.5 6.5 7.5 8.5 9.5 10.5
VPU (V)
IDD Spike near VPU = 0.9V
VDD = 5.5V
VDD = 4.5V
VDD = 3.5V
VDD = 2.5V
VDD = 2.0V
VDD = 1.8V
50
100
150
200
250
300
350
400
10
100
1000
10000 100000 100000
0
1E+07
Toggle Frequency (Hz)
VDD = 1.8V
VDD = 5.5V
10
100
1k
10k
100k
1M
10M
100 mV Over-Drive
VCM = VDD/2
RL = Open
0dB Output Attenuation
0
200
400
600
800
1000
0.0
3.0
6.0
9.0
12.0
15.0
IOUT (mA)
VDD= 1.8V
TA = +125°C
TA = +85°C
TA = +25°C
TA = -40°C
50
75
100
125
150
-4.5
-2.5
-0.5
1.5
3.5
5.5
7.5
9.5
VPU - VDD (V)
VDD = 3.5 V
VDD = 1.8 V
VDD = 2.5 V
VDD = 2.0 V
VDD = 4.5 V
VDD = 5.5 V
1
10
100
1,000
10,000
100,000
1.5 2.5 3.5 4.5 5.5 6.5 7.5 8.5 9.5 10.5
VPU (V)
TA = +25°C
TA = +85°C
TA =
0
200
400
600
800
1000
0
5
10
15
20
25
IOUT (mA)
VDD= 5.5V
TA = 125°C
TA = 125°C
TA = +85°C
TA = -40°C
TA = +25°C
TA = +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com