Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6566RT-E/SL Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP6566RT-E/SL
Description  1.8V Low Power Open-Drain Output Comparator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6566RT-E/SL Datasheet(HTML) 1 Page - Microchip Technology

  MCP6566RT-E/SL Datasheet HTML 1Page - Microchip Technology MCP6566RT-E/SL Datasheet HTML 2Page - Microchip Technology MCP6566RT-E/SL Datasheet HTML 3Page - Microchip Technology MCP6566RT-E/SL Datasheet HTML 4Page - Microchip Technology MCP6566RT-E/SL Datasheet HTML 5Page - Microchip Technology MCP6566RT-E/SL Datasheet HTML 6Page - Microchip Technology MCP6566RT-E/SL Datasheet HTML 7Page - Microchip Technology MCP6566RT-E/SL Datasheet HTML 8Page - Microchip Technology MCP6566RT-E/SL Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
© 2009 Microchip Technology Inc.
DS22143B-page 1
MCP6566/6R/6U/7/9
Features
• Propagation Delay at 1.8VDD:
- 56 ns (typical) High to Low
• Low Quiescent Current: 100 µA (typical)
• Input Offset Voltage: ±3 mV (typical)
• Rail-to-Rail Input: VSS - 0.3V to VDD + 0.3V
• Open-Drain Output
• Wide Supply Voltage Range: 1.8V to 5.5V
• Available in Single, Dual, and Quad
• Packages: SC70, SOT-23-5, SOIC, MSOP,
TSSOP
Typical Applications
• Laptop computers
• Mobile Phones
• Hand-held Electronics
• RC Timers
• Alarm and Monitoring Circuits
• Window Comparators
• Multi-vibrators
Design Aids
• Microchip Advanced Part Selector (MAPS)
• Analog Demostration and Evaluation Boards
• Application Notes
Related Device
• Push-Pull Output: MCP6561/1R/1U/2/4
Typical Application
Description
The Microchip Technology, Inc. MCP6566/6R/6U/7/9
families of Open-Drain output comparators are offered
in single, dual and quad configurations.
These comparators are optimized for low power 1.8V,
single-supply applications with greater than rail-to-rail
input operation. The internal input hysteresis eliminates
output switching due to internal input noise voltage,
reducing current draw. The open-drain output of the
MCP6566/6R/6U/7/9 family requires a pull up resistor
and it supports pull-up voltages above and below VDD
which can be used to level shift. The output toggle
frequency can reach a typical of 4 MHz (typical) while
limiting supply current surges and dynamic power
consumption during switching.
This family operates with single supply voltage of 1.8V
to 5.5V while drawing less than 100 µA/comparator of
quiescent current (typical).
Package Types
VIN
VOUT
+5VDD
R2
RF
R3
VDD
+3VPU
MCP656X
MCP6568
+INA
-INA
VSS
1
2
3
4
8
7
6
5
-
OUTA
+
-
+
VDD
OUTB
-INB
+INB
MCP6569
+INA
-INA
VSS
1
2
3
4
14
13
12
11
-
OUTA
+ -
+
VDD
OUTD
-IND
+IND
10
9
8
5
6
7
OUTB
-INB
+INB
+INC
-INC
OUTC
+
-
-
+
5
4
MCP6566
1
2
3
5
4
MCP6566R
1
2
3
+IN
VSS
OUT
-IN
VDD
+IN
VDD
OUT
-IN
VSS
SOT-23-5, SC70-5
SOIC, MSOP
SOT-23-5
SOIC, TSSOP
4
1
2
3
5
SOT-23-5
VSS
VIN+
VIN–
VDD
OUT
MCP6566U
1.8V Low Power Open-Drain Output Comparator


Similar Part No. - MCP6566RT-E/SL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6566R MICROCHIP-MCP6566R Datasheet
1Mb / 48P
1.8V Low-Power Open-Drain Output Comparator
2009-2013
More results

Similar Description - MCP6566RT-E/SL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6566 MICROCHIP-MCP6566_11 Datasheet
806Kb / 46P
1.8V Low-Power Open-Drain Output Comparator
2011
logo
ON Semiconductor
NCS3402 ONSEMI-NCS3402 Datasheet
649Kb / 9P
Dual Nano-power Open Drain Output Comparator
April, 2013 ??Rev. 2
logo
NXP Semiconductors
NCX2222 NXP-NCX2222 Datasheet
594Kb / 19P
Low voltage comparator; open-drain output
Rev. 1-20 December 2012
logo
Microchip Technology
MCP6566 MICROCHIP-MCP6566_13 Datasheet
1Mb / 48P
1.8V Low-Power Open-Drain Output Comparator
2009-2013
logo
SG Micro Corp
SGM8702 SGMICRO-SGM8702 Datasheet
349Kb / 14P
Open Drain Output Comparator
logo
NXP Semiconductors
NCX2202 PHILIPS-NCX2202_15 Datasheet
840Kb / 15P
Low voltage comparator; open-drain output
Rev. 5-30 October 2012
NCX2222 PHILIPS-NCX2222_15 Datasheet
580Kb / 18P
Low voltage comparator; open-drain output
Rev. 1-20 December 2012
logo
ON Semiconductor
ASM1816 ONSEMI-ASM1816 Datasheet
134Kb / 8P
Low Power Open-Drain Output
August, 2011 ??Rev. 3
logo
Global Mixed-mode Techn...
G1331 GMT-G1331 Datasheet
106Kb / 1P
General Purpose, Low Voltage Comparator with Open-Drain Output
logo
AiT Semiconductor Inc.
AO331 AITSEMI-AO331 Datasheet
1Mb / 11P
OPEN-DRAIN OUTPUT LOW POWER CMOS SINGLE COMPARATOR
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com