Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6566RT-E/SL Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP6566RT-E/SL
Description  1.8V Low Power Open-Drain Output Comparator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6566RT-E/SL Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP6566RT-E/SL Datasheet HTML 9Page - Microchip Technology MCP6566RT-E/SL Datasheet HTML 10Page - Microchip Technology MCP6566RT-E/SL Datasheet HTML 11Page - Microchip Technology MCP6566RT-E/SL Datasheet HTML 12Page - Microchip Technology MCP6566RT-E/SL Datasheet HTML 13Page - Microchip Technology MCP6566RT-E/SL Datasheet HTML 14Page - Microchip Technology MCP6566RT-E/SL Datasheet HTML 15Page - Microchip Technology MCP6566RT-E/SL Datasheet HTML 16Page - Microchip Technology MCP6566RT-E/SL Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
© 2009 Microchip Technology Inc.
DS22143B-page 13
MCP6566/6R/6U/7/9
Note: Unless otherwise indicated, V
DD = +1.8V to +5.5V, VSS = GND, TA = +25°C, VIN+ = VDD/2, VIN– = GND,
RL = 20 kΩ to VPU = VDD, and CL = 25 pF.
FIGURE 2-37:
Common-mode Rejection
Ratio and Power Supply Rejection Ratio vs.
Temperature.
FIGURE 2-38:
Power Supply Rejection
Ratio (PSRR).
FIGURE 2-39:
Input Offset Current and
Input Bias Current vs. Temperature.
FIGURE 2-40:
Common-mode Rejection
Ratio (CMRR).
FIGURE 2-41:
Common-mode Rejection
Ratio (CMRR).
FIGURE 2-42:
Input Offset Current and
Input Bias Current vs. Common-mode Input
Voltage vs. Temperature.
70
72
74
76
78
80
-50
-25
0
25
50
75
100
125
Temperature (°C)
VCM = -0.3V to VDD + 0.3V
VDD = 5.5V
CMRR
VCM = VSS
VDD = 1.8V to 5.5V
PSRR
Input Referred
0%
5%
10%
15%
20%
25%
30%
-600
-400
-200
0
200
400
600
PSRR (µV/V)
VCM = VSS
Avg. = 200 µV/V
StDev= 94 µV/V
3588 units
0.1
1
10
100
1000
25
50
75
100
125
Temperature (°C)
IB
|IOS|
0%
10%
20%
30%
-5
-4
-3
-2
-1
0
1
2
3
4
5
CMRR (mV/V)
VDD= 1.8V
3588 units
VCM = -0.2V to VDD/2
Avg. = 0.5 mV
StDev= 0.1 mV
VCM = VDD/2 to VDD+ 0.2V
Avg. = 0.7 mV
StDev= 1 mV
VCM = -0.2V to VDD + 0.2V
Avg. = 0.6 mV
StDev= 0.1 mV
0%
10%
20%
30%
-2.5 -2.0 -1.5 -1.0 -0.5 0.0 0.5 1.0 1.5 2.0 2.5
CMRR (mV/V)
VDD= 5.5V
3588 units
VCM = -0.3V to VDD/2
Avg. = 0.2 mV
StDev= 0.4 mV
VCM = VDD/2 to VDD+ 0.3V
Avg. = 0.03 mV
StDev= 0.7 mV
VCM = -0.3V to VDD + 0.3V
Avg. = 0.1 mV
StDev= 0.4 mV
0.001
0.01
0.1
1
10
100
1000
10000
01
23
45
6
VCM (V)
IB @ TA= +125°C
IB @ TA= +85°C
|IOS| @ TA= +125°C
|IOS|@ TA= +85°C
VDD = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com