Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6566RT-E/SL Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP6566RT-E/SL
Description  1.8V Low Power Open-Drain Output Comparator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6566RT-E/SL Datasheet(HTML) 3 Page - Microchip Technology

  MCP6566RT-E/SL Datasheet HTML 1Page - Microchip Technology MCP6566RT-E/SL Datasheet HTML 2Page - Microchip Technology MCP6566RT-E/SL Datasheet HTML 3Page - Microchip Technology MCP6566RT-E/SL Datasheet HTML 4Page - Microchip Technology MCP6566RT-E/SL Datasheet HTML 5Page - Microchip Technology MCP6566RT-E/SL Datasheet HTML 6Page - Microchip Technology MCP6566RT-E/SL Datasheet HTML 7Page - Microchip Technology MCP6566RT-E/SL Datasheet HTML 8Page - Microchip Technology MCP6566RT-E/SL Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
© 2009 Microchip Technology Inc.
DS22143B-page 3
MCP6566/6R/6U/7/9
1.0
ELECTRICAL
CHARACTERISTICS
1.1
Maximum Ratings*
VDD - VSS ....................................................................... 6.5V
Open-Drain Output.............................................VSS + 10.5V
All other inputs and outputs...........VSS – 0.3V to VDD + 0.3V
Difference Input voltage ......................................|VDD - VSS|
Output Short Circuit Current .................................... ±25 mA
Current at Input Pins .................................................. ±2 mA
Current at Output and Supply Pins .......................... ±50 mA
Storage temperature ................................... -65°C to +150°C
Ambient temp. with power applied .............. -40°C to +125°C
Junction temp............................................................ +150°C
ESD protection on all pins (HBM/MM)
.................≥ 4 kV/300V
*Notice: Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied. Expo-
sure to maximum rating conditions for extended periods may
affect device reliability.
DC CHARACTERISTICS
Electrical Characteristics: Unless otherwise indicated: V
DD = +1.8V to +5.5V, VSS = GND, TA = +25°C, VIN+ = VDD/2, VIN- = VSS,
and RPull-Up = 20 kΩ to VPU = VDD (see Figure 1-1).
Parameters
Symbol
Min
Typ
Max
Units
Conditions
Power Supply
Supply Voltage
VDD
1.8
—
5.5
V
Quiescent Current per comparator
IQ
60
100
130
µA
IOUT = 0
Power Supply Rejection Ratio
PSRR
63
70
—
dB
VCM = VSS
Input
Input Offset Voltage
VOS
-10
±3+10
mV
VCM = VSS (Note 1)
Input Offset Drift
ΔV
OS/ΔT—
±2—
µV/°C
VCM = VSS
Input Offset Current
IOS
—
±1—
pA
VCM = VSS
Input Bias Current
IB
—1
—
pA
TA = +25°C, VIN- = VDD/2
—60
—
pA
TA = +85°C, VIN- = VDD/2
—
1500
5000
pA
TA = +125°C, VIN- = VDD/2
Input Hysteresis Voltage
VHYST
1.0
—
5.0
mV
VCM = VSS (Notes 1, 2)
Input Hysteresis Linear Temp. Co.
TC1
—10
—
µV/°C
Input Hysteresis Quadratic Temp. Co.
TC2
—0.3
—
µV/°C2
Common-Mode Input Voltage Range
VCMR
VSS−0.2
—
VDD+0.2
V
VDD = 1.8V
VSS−0.3
—
VDD+0.3
V
VDD = 5.5V
Common-Mode Rejection Ratio
CMRR
54
66
—
dB
VCM= -0.3V to VDD+0.3V, VDD = 5.5V
50
63
—
dB
VCM= VDD/2 to VDD+0.3V, VDD = 5.5V
54
65
—
dB
VCM= -0.3V to VDD/2, VDD = 5.5V
Common Mode Input Impedance
ZCM
—1013||4
—
Ω||pF
Differential Input Impedance
ZDIFF
—1013||2
—
Ω||pF
Note 1:
The input offset voltage is the center of the input-referred trip points. The input hysteresis is the difference between the
input-referred trip points.
2:
VHYST at different temperatures is estimated using VHYST (TA) = VHYST @ +25°C + (TA - 25°C) TC1 + (TA - 25°C)
2 TC
2.
3:
Limit the output current to Absolute Maximum Rating of 50 mA.
4:
The pull up voltage for the open drain output VPULL_UP can be as high as the absolute maximum rating of 10.5V. In this
case, IOH_leak can be higher than 1 µA (see Figure 2-30).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com