Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP98243 Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP98243
Description  Memory Module Temperature Sensor w/ EEPROM for SPD
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP98243 Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP98243 Datasheet HTML 29Page - Microchip Technology MCP98243 Datasheet HTML 30Page - Microchip Technology MCP98243 Datasheet HTML 31Page - Microchip Technology MCP98243 Datasheet HTML 32Page - Microchip Technology MCP98243 Datasheet HTML 33Page - Microchip Technology MCP98243 Datasheet HTML 34Page - Microchip Technology MCP98243 Datasheet HTML 35Page - Microchip Technology MCP98243 Datasheet HTML 36Page - Microchip Technology MCP98243 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 62 page
background image
© 2009 Microchip Technology Inc.
DS22153B-page 33
MCP98243
5.2.3.1
Comparator Mode
Comparator mode is selected using bit 0 of CONFIG. In
this mode, the Event output is asserted as active-high
or active-low using bit 1 of CONFIG. Figure 5-13 shows
the conditions that toggle the Event output.
If the device enters Shutdown mode with asserted
Event output, the output will de-assert. It will remain de-
asserted until the device enters Continuous Conver-
sion mode and after the first temperature conversion is
completed, tCONV. After the initial temperature conver-
sion, TA must satisfy the TUPPER or TLOWER boundary
conditions in order for Event output to be asserted.
Comparator mode is useful for thermostat-type
applications, such as turning on a cooling fan or
triggering a system shutdown when the temperature
exceeds a safe operating range.
5.2.3.2
Interrupt Mode
In the Interrupt mode, the Event output is asserted as
active-high or active-low (depending on the polarity
configuration) when TA drifts above or below TUPPER
and TLOWER limits. The output is deasserted by setting
bit 5 (Interrupt Clear) of CONFIG. If the device enters
Shutdown mode with asserted Event output, the output
will de-assert. It will remain de-asserted until the device
enters Continuous Conversion mode and after the first
temperature conversion is completed, tCONV. After the
initial temperature conversion, TA must cross the TUPPER
or TLOWER boundary conditions in order for Event output
to be asserted.
In addition, if TA >= TCRIT the Event output is forced as
Comparator mode and asserts until TA < TCRIT - THYST.
While the Event output is asserted, user must send Clear
Interrupt command (bit 5 of CONFIG) for Event output to
de-assert, when temperature drops below the critical
limit, TA < TCRIT - THYST. Otherwise, Event output
remains asserted (see Figure 5-13 for graphical descrip-
tion). Switching from Interrupt mode to Comparator mode
also de-asserts Event output.
This mode is designed for interrupt driven microcontroller
based systems. The microcontroller receiving the
interrupt will have to acknowledge the interrupt by setting
bit 5 of CONFIG register from the MCP98243.
5.2.4
TEMPERATURE RESOLUTION
The MCP98243 is capable of providing a temperature
data with 0.5°C to 0.0625°C resolution. The Resolution
can selected using the Resolution register (Register 5-
8) which is located in address ‘00001000’b. This
address location is not specified in JEDEC Standard
JC42.4. However, it provides additional flexibility while
being functionally compatible with JC42.4 and provide
a 0.25°C resolution at 125 ms (max.). The selected
resolution can be read by user using bit 4 and bit 3 of
the Capability register (Register 5-2). A 0.25°C
resolution is set as POR default by factory.
TABLE 5-2:
TEMPERATURE
CONVERSION TIME
Resolution
tCONV
(ms)
Samples/sec
(typical)
0.5°C
30
33
0.25°C
(Power-up default)
65
15
0.125°C
130
8
0.0625°C
260
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com