Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP98243 Datasheet(PDF) 43 Page - Microchip Technology

Part # MCP98243
Description  Memory Module Temperature Sensor w/ EEPROM for SPD
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP98243 Datasheet(HTML) 43 Page - Microchip Technology

Back Button MCP98243 Datasheet HTML 39Page - Microchip Technology MCP98243 Datasheet HTML 40Page - Microchip Technology MCP98243 Datasheet HTML 41Page - Microchip Technology MCP98243 Datasheet HTML 42Page - Microchip Technology MCP98243 Datasheet HTML 43Page - Microchip Technology MCP98243 Datasheet HTML 44Page - Microchip Technology MCP98243 Datasheet HTML 45Page - Microchip Technology MCP98243 Datasheet HTML 46Page - Microchip Technology MCP98243 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 62 page
background image
© 2009 Microchip Technology Inc.
DS22153B-page 43
MCP98243
5.4
Summary of Power-on Default
The MCP98243 has an internal Power-on Reset (POR)
circuit. If the power supply voltage VDD glitches down
to the VPOR_TS and VPOR_EE thresholds, the device
resets the registers to the power-on default settings.
Table 5-6 shows the power-on default summary for the
temperature sensor. The EEPROM resets the address
pointer to 0x00 hex.
TABLE 5-6:
POWER-ON RESET DEFAULTS
Registers
Default Register
Data (Hexadecimal)
Power-up Default
Register Description
Address (Hexadecimal)
Register Name
0x00
Capability
0x00EF
Event output de-asserts in shutdown
I2C time out 25 ms to 35 ms.
Accepts VHV at A0 Pin
0.25°C Measurement Resolution
Measures temperature below 0°C
±1°C accuracy over active range
Temperature event output
0x01
CONFIG
0x0000
Comparator mode
Active-Low output
Event and critical output
Output disabled
Event not asserted
Interrupt cleared
Event limits unlocked
Critical limit unlocked
Continuous conversion
0°C Hysteresis
0x02
TUPPER
0x0000
0°C
0x03
TLOWER
0x0000
0°C
0x04
TCRIT
0x0000
0°C
0x05
TA
0x0000
0°C
0x06
Manufacturer ID
0x0054
0x0054 (hex)
0x07
Device ID/ Device Revision
0x2101
0x2101 (hex)
0x08
Resolution
0x01
0x01 (hex)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com