Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP98243 Datasheet(PDF) 37 Page - Microchip Technology

Part # MCP98243
Description  Memory Module Temperature Sensor w/ EEPROM for SPD
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP98243 Datasheet(HTML) 37 Page - Microchip Technology

Back Button MCP98243 Datasheet HTML 33Page - Microchip Technology MCP98243 Datasheet HTML 34Page - Microchip Technology MCP98243 Datasheet HTML 35Page - Microchip Technology MCP98243 Datasheet HTML 36Page - Microchip Technology MCP98243 Datasheet HTML 37Page - Microchip Technology MCP98243 Datasheet HTML 38Page - Microchip Technology MCP98243 Datasheet HTML 39Page - Microchip Technology MCP98243 Datasheet HTML 40Page - Microchip Technology MCP98243 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 62 page
background image
© 2009 Microchip Technology Inc.
DS22153B-page 37
MCP98243
5.3.3
WRITE PROTECTION
The MCP98243 has a Software Write-Protect (SWP)
feature that allows the lower half array (addresses
00h
-7Fh) to be write-protected or permanently write-
protected (PWP). The write protected area can be
cleared by sending Clear Write Protect (CWP)
command. However, once the PWP is executed the
protected memory can not be cleared. The device will
not respond to the CWP command.
To access write protection, the device address code of
the Address Byte is set to ‘0110’ instead of ‘1010’. The
‘1010’ Address code is used to access the memory
area and the ‘0110’ address code is used to access the
write protection. Once the device is write protected it
will not acknowledge certain commands. Table 5-3
shows the corresponding Address Bytes for the write
protect feature.
TABLE 5-3:
WRITE PROTECT DEVICE ADDRESSING (NOTE 1)
EEPROM
Operation
Address Pins
Address Byte
A2
A1
A0
Address Code
Slave Address
R/W
A2
A1
A0
SWP
WRITE
GND GND
VHV
0110
00
1
0
READ
1
CWP
WRITE
GND VDD
VHV
0110
01
1
0
READ
1
PWP (Note)
WRITE
X
X
X
0110
XX
X
0
READ
1
Note 1: The Address Pins are ‘X’ or don’t cares. However, the slave address bits need to match the address pins.
For VHV voltage levels, refer to Figure 2-13.
TABLE 5-4:
DEVICE RESPONSE WHEN WRITING DATA OR ACCESSING SWP/CWP/PWP
(NOTE 1)
Status
Command
ACK
Address
ACK
Data Byte
ACK
Write Cycle
Not
Protected
SWP/CWP/PWP
ACK
X
ACK
X
ACK
Yes
Page/byte write
ACK
Address
ACK
Data
ACK
Yes
Protected
with
SWP
SWP
NoACK
X
NoACK
X
NoACK
No
CWP
ACK
X
ACK
X
ACK
Yes
PWP
ACK
X
ACK
X
ACK
Yes
Page/byte write lower 128 bytes
ACK
Address
ACK
Data
NoACK
No
Permanently
Protected
SWP/CWP/PWP
NoACK
X
NoACK
X
NoACK
No
Page/byte write lower 128 bytes
ACK
Address
ACK
Data
NoACK
No
Note 1: X is defined as ‘don’t care’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com