Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP98243 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP98243
Description  Memory Module Temperature Sensor w/ EEPROM for SPD
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP98243 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP98243 Datasheet HTML 7Page - Microchip Technology MCP98243 Datasheet HTML 8Page - Microchip Technology MCP98243 Datasheet HTML 9Page - Microchip Technology MCP98243 Datasheet HTML 10Page - Microchip Technology MCP98243 Datasheet HTML 11Page - Microchip Technology MCP98243 Datasheet HTML 12Page - Microchip Technology MCP98243 Datasheet HTML 13Page - Microchip Technology MCP98243 Datasheet HTML 14Page - Microchip Technology MCP98243 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
© 2009 Microchip Technology Inc.
DS22153B-page 11
MCP98243
3.0
PIN DESCRIPTION
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLES
3.1
Address Pins (A0, A1, A2)
These pins are device address input pins.
The address pins correspond to the Least Significant
bits (LSb) of address bits. The Most Significant bits
(MSb) (A6, A5, A4, A3). This is shown in Table 3-2.
The A0 Address pin is a multi-function pin. This input
pin is also used for high voltge input VHV to enable the
EEPROM Software Write Protect feature, see
Section 5.3.3 “Write Protection”.
All address pin have an internal pull-down resistors.
3.2
Ground Pin (GND)
The GND pin is the system ground pin.
3.3
Serial Data Line (SDA)
SDA is a bidirectional input/output pin, used to serially
transmit data to/from the host controller. This pin
requires a pull-up resistor. (See Section 4.0 “Serial
Communication”).
3.4
Serial Clock Line (SCL)
The SCL is a clock input pin. All communication and
timing is relative to the signal on this pin. The clock is
generated by the host or master controller on the bus.
(See Section 4.0 “Serial Communication”).
3.5
Temperature Alert, Open-Drain
Output (Event)
The MCP98243 temperature Event output pin is an
open-drain output. The device outputs a signal when
the ambient temperature goes beyond the user-pro-
grammed temperature limit. (see Section 5.2.3 “Event
Output Configuration”).
3.6
Power Pin (VDD)
VDD is the power pin. The operating voltage range, as
specified in the DC electrical specification table, is
applied on this pin.
3.7
Exposed Thermal Pad (EP)
There is an internal electrical connection between the
Exposed Thermal Pad (EP) and the GND pin; they can
be connected to the same potential on the Printed Cir-
cuit Board (PCB). This provides better thermal conduc-
tion from the PCB to the die.
MCP98243
Symbol
Description
DFN, TDFN,
UDFN
TSSOP
1
1
A0
Slave Address and EEPROM Software Write Protect high voltage
input (VHV)
2
2
A1
Slave Address
3
3
A2
Slave Address
4
4
GND
Ground
5
5
SDA
Serial Data Line
6
6
SCL
Serial Clock Line
7
7
Event
Temperature Alert Output
88
VDD
Power Pin
9
—
EP
Exposed Thermal Pad (EP); must be connected to GND.
TABLE 3-2:
MCP98243 ADDRESS BYTE
Device
Address Code
Slave
Address
A6 A5 A4 A3 A2 A1 A0
Sensor
0
0
1
1
XX
X
EEPROM
1
0
1
0
EEPROM
Write Protect
01
10
Note:
User-selectable address is shown by X.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com