Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP98243 Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP98243
Description  Memory Module Temperature Sensor w/ EEPROM for SPD
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP98243 Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP98243 Datasheet HTML 14Page - Microchip Technology MCP98243 Datasheet HTML 15Page - Microchip Technology MCP98243 Datasheet HTML 16Page - Microchip Technology MCP98243 Datasheet HTML 17Page - Microchip Technology MCP98243 Datasheet HTML 18Page - Microchip Technology MCP98243 Datasheet HTML 19Page - Microchip Technology MCP98243 Datasheet HTML 20Page - Microchip Technology MCP98243 Datasheet HTML 21Page - Microchip Technology MCP98243 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 62 page
background image
MCP98243
DS22153B-page 18
© 2009 Microchip Technology Inc.
5.1.1
CAPABILITY REGISTER
This is a read-only register used to identify the
temperature sensor capability. In this case, the
MCP98243 is capable of providing temperature at
0.25°C resolution, measuring temperature below and
above 0°C, providing ±1°C and ±2°C accuracy over the
active and monitor temperature ranges (respectively)
and providing user-programmable temperature event
boundary trip limits. Register 5-2 describes the
Capability register. These functions are described in
further detail in the following sections.
REGISTER 5-2:
CAPABILITY REGISTER (READ-ONLY)
→ ADDRESS ‘0000 0000’b
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
——
—
—
—
—
—
—
bit 15
bit 8
R-1
R-1
R-1
R-0
R-1
R-1
R-1
R-1
SHDN Status
tOUT Range
VHV
Resolution
Meas Range
Accuracy
Temp Alarm
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-8
Unimplemented: Read as ‘0’
bit 7
Event output status during Shutdown (SHDN Status):
0 =
Event output remains asserted during shutdown
1 =
Event output de-asserts during shutdown. After shutdown it takes tCONV to re-assert the Event
output (power-up default)
bit 6
I2C Bus time-out (tOUT Range):
0 =
Bus time-out range is 10 ms to 60 ms
1 =
Bus time-out range is 25 ms to 35 ms (power-up default)
bit 5
High Voltage Input
0
=
Pin A0 does not accept High Voltage
1
=
Pin A0 accepts High Voltage for the internal EEPROM Write Protect feature (power-up default)
bit 4-3
Resolution:
00
= 0.5°C
01
= 0.25°C (power up default)
10
= 0.125°C
11
= 0.0625°C
These bits reflect the selected resolution (see Section 5.2.4 “Temperature Resolution”)
bit 2
Temperature Measurement Range (Meas. Range):
0
=TA = 0 (decimal) for temperature below 0°C
1
=
The part can measure temperature below 0°C (power-up default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com