Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP98243 Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP98243
Description  Memory Module Temperature Sensor w/ EEPROM for SPD
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP98243 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP98243 Datasheet HTML 16Page - Microchip Technology MCP98243 Datasheet HTML 17Page - Microchip Technology MCP98243 Datasheet HTML 18Page - Microchip Technology MCP98243 Datasheet HTML 19Page - Microchip Technology MCP98243 Datasheet HTML 20Page - Microchip Technology MCP98243 Datasheet HTML 21Page - Microchip Technology MCP98243 Datasheet HTML 22Page - Microchip Technology MCP98243 Datasheet HTML 23Page - Microchip Technology MCP98243 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 62 page
background image
MCP98243
DS22153B-page 20
© 2009 Microchip Technology Inc.
5.1.2
SENSOR CONFIGURATION
REGISTER (CONFIG)
The MCP98243 has a 16-bit Configuration register
(CONFIG) that allows the user to set various functions
for a robust temperature monitoring system. Bits 10
thru 0 are used to select Event output boundary
hysteresis, device Shutdown or Low-Power mode,
temperature boundary and critical temperature lock,
temperature Event output enable/disable. In addition,
the user can select the Event output condition (output
set for TUPPER and TLOWER temperature boundary or
TCRIT only), read Event output status and set Event
output polarity and mode (Comparator Output or
Interrupt Output mode).
The temperature hysteresis bits 10 and 9 can be used
to
prevent output chatter when the ambient
temperature gradually changes beyond the user-
specified temperature boundary (see Section 5.2.2
“Temperature Hysteresis (THYST)”. The Continuous
Conversion or Shutdown mode is selected using bit 8.
In Shutdown mode, the band gap temperature sensor
circuit stops converting temperature and the Ambient
Temperature
register
(TA) holds the previous
successfully
converted
temperature
data
(see
Section 5.2.1 “Shutdown Mode”). Bits 7 and 6 are
used to lock the user-specified boundaries TUPPER,
TLOWER and TCRIT to prevent an accidental rewrite.
Bits 5 thru 0 are used to configure the temperature
Event output pin. All functions are described in
Register 5-3 (see Section 5.2.3 “Event Output
Configuration”).
REGISTER 5-3:
CONFIGURATION REGISTER (CONFIG)
→ ADDRESS ‘0000 0001’b
U-0
U-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
——
—
—
—
THYST
SHDN
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R-0
R/W-0
R/W-0
R/W-0
R/W-0
Crit. Lock
Win. Lock
Int. Clear
Event Stat.
Event Cnt.
Event Sel.
Event Pol.
Event Mod.
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-11
Unimplemented: Read as ‘0’
bit 10-9
TUPPER and TLOWER Limit Hysteresis (THYST):
00
= 0°C (power-up default)
01
= 1.5°C
10
= 3.0°C
11
= 6.0°C
(Refer to Section 5.2.3 “Event Output Configuration”)
This bit can not be altered when either of the lock bits are set (bit 6 and bit 7).
This bit can be programmed in shutdown mode.
bit 8
Shutdown Mode (SHDN):
0
=
Continuous Conversion (power-up default)
1
=
Shutdown (Low-Power mode)
In shutdown, all power-consuming activities are disabled, though all registers can be written to or read.
Event output will de-assert.
This bit cannot be set ‘1’ when either of the lock bits is set (bit 6 and bit 7). However, it can be cleared
‘0’ for Continuous Conversion while locked (Refer to Section 5.2.1 “Shutdown Mode”).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com