Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC113 Datasheet(PDF) 2 Page - Silicon Touch Technology Inc.

Part # PC113
Description  Step Up Converter for White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

PC113 Datasheet(HTML) 2 Page - Silicon Touch Technology Inc.

  PC113 Datasheet HTML 1Page - Silicon Touch Technology Inc. PC113 Datasheet HTML 2Page - Silicon Touch Technology Inc. PC113 Datasheet HTML 3Page - Silicon Touch Technology Inc. PC113 Datasheet HTML 4Page - Silicon Touch Technology Inc. PC113 Datasheet HTML 5Page - Silicon Touch Technology Inc. PC113 Datasheet HTML 6Page - Silicon Touch Technology Inc. PC113 Datasheet HTML 7Page - Silicon Touch Technology Inc. PC113 Datasheet HTML 8Page - Silicon Touch Technology Inc. PC113 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
-1 -
Version
:A.001
PC112/PC113
General Description
PC112/PC113 is a compact, high-efficiency step-up DC-DC converter which drives
2-6 series white LEDs with constant current from 3V to 5V. Extremely low shutdown
power supply current ensures the high efficiency of battery system. The PC113 works
at 500KHz, allowing the application of tiny external components. Low feedback voltage
and hence minimal input current from the battery extends battery life.
Built-in N-channel power switches optimize the layout area of PCB. Since
PC112/PC113 drives series LEDs, it regulates the light intensity uniformly. With a single
external resistor or PWM signal, users can easily set the LED current and LED
brightness.
While output loading is open, likes the case of LEDs failure, the duty cycle of the
DC-DC converter will increase rapidly, causing high output voltage to damage the
circuit. To avoid this situation, a Zener diode should be connected to the DC-DC
converter’s output to clamp the output voltage in most applications. However, PC113
has built-in the over-voltage protection circuit to protect the output circuit and thus
eliminates the need of the external Zener diode.
PC112/PC113 is also characterized of the soft-start feature, which limits the inrush
current. It is available in Thin-SOT type package.
Features
1. Typical 85% efficiency
2. No external power switch
3. Low shutdown supply current
4. Low feedback voltage
5. Drives 6 white LEDs 20mA from working voltage 2.0V
6.
4
± % LED output current accuracy
7. Over voltage protection circuit build in(PC113)
8. Soft-start circuit build in
9. Thin 6-pin SOT23-6 package
Application
1. White LED Display Backlighting
2. Cellular Telephones
3. Personal Digital Assistant
4. Digital Cameras
5. Portable Machine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com