Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC113 Datasheet(PDF) 9 Page - Silicon Touch Technology Inc.

Part # PC113
Description  Step Up Converter for White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

PC113 Datasheet(HTML) 9 Page - Silicon Touch Technology Inc.

Back Button PC113 Datasheet HTML 5Page - Silicon Touch Technology Inc. PC113 Datasheet HTML 6Page - Silicon Touch Technology Inc. PC113 Datasheet HTML 7Page - Silicon Touch Technology Inc. PC113 Datasheet HTML 8Page - Silicon Touch Technology Inc. PC113 Datasheet HTML 9Page - Silicon Touch Technology Inc. PC113 Datasheet HTML 10Page - Silicon Touch Technology Inc. PC113 Datasheet HTML 11Page - Silicon Touch Technology Inc. PC113 Datasheet HTML 12Page - Silicon Touch Technology Inc. PC113 Datasheet HTML 13Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
-8 -
Version
:A.001
PC112/PC113
General Description
Bias current setting
The PC112/PC113 is a DC/DC converter which provides a regulated current output
from a VDD input of DC 2.8V to 5.0V. Regulating the LED current can be achieved by
setting the resistor of FB pin to ground. So the value of the current setting resistor R2
could be set by:
R2=
LED
I
095
.
0
(Ω)
Brightness control
The brightness control can be achieved by applying a PWM control signal to EN
pin or by varying the current setting resistor R2, shown as follows.
PC113
PWM
EN
5
PC113
PWM
FB
4
R
MIN
R
INCR
PC113
V
ADJ
FB
4
R
A
R
2
R
B
To
LEDs
Fig. 3
Fig. 4
Fig. 5
We could apply a digital PWM signal (100Hz~3KHz) to EN pin (Fig. 3) to generate
a LED current waveform identical to that of the PWM signal waveform. The average
output LED current is calculated:
ILED =
2
095
.
0
R
x Duty of PWM
(A)
Another control method is to vary the value of the current setting resistor (Fig. 4).
ILED =
2
095
.
0
R
which R2 =
INCR
MIN
INCR
MIN
R
R
R
R
+
×
, PWM is High
(A)
A DAC can also be applied for brightness control, which is shown in Fig. 5. If VADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com