Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC113 Datasheet(PDF) 10 Page - Silicon Touch Technology Inc.

Part # PC113
Description  Step Up Converter for White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

PC113 Datasheet(HTML) 10 Page - Silicon Touch Technology Inc.

Back Button PC113 Datasheet HTML 6Page - Silicon Touch Technology Inc. PC113 Datasheet HTML 7Page - Silicon Touch Technology Inc. PC113 Datasheet HTML 8Page - Silicon Touch Technology Inc. PC113 Datasheet HTML 9Page - Silicon Touch Technology Inc. PC113 Datasheet HTML 10Page - Silicon Touch Technology Inc. PC113 Datasheet HTML 11Page - Silicon Touch Technology Inc. PC113 Datasheet HTML 12Page - Silicon Touch Technology Inc. PC113 Datasheet HTML 13Page - Silicon Touch Technology Inc. PC113 Datasheet HTML 14Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
-9 -
Version
:A.001
PC112/PC113
(output of a DAC or Ambient Light Sensor) increases, the output voltage will decrease.
For example, RA=6.2KΩ, RB=82KΩ, VADJ = 4V, VFB1 will set to 0.05V, so the LED’s
current will be half .
Open circuit protection (PC113 only)
When the LEDs are disconnected from the circuit or the LEDs fail, PC113 will
switch to maximum duty cycle. This situation results in a high output voltage and may
cause the LX pin voltage to exceed its maximum rating of 24V and thus damages
output circuit. Normally, a Zener diode is applied to clamp the high voltage; however,
PC113 has built-in the over-voltage protection circuit, and thus no external component
is required.
Recommended PCB layout
1. C2 is placed as close to PC112/113 as possible.
2. Minimize the length and area of all traces connecting to LX pin.
3. The power path : VDD
L1
LX
D1
C3 should be kept as short as
possible to avoid EMI.
4. Fig. 6 shows the exemplary test board layout. (Reference page4. typical
application circuit )
Fig. 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com