Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC113 Datasheet(PDF) 6 Page - Silicon Touch Technology Inc.

Part # PC113
Description  Step Up Converter for White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

PC113 Datasheet(HTML) 6 Page - Silicon Touch Technology Inc.

Back Button PC113 Datasheet HTML 2Page - Silicon Touch Technology Inc. PC113 Datasheet HTML 3Page - Silicon Touch Technology Inc. PC113 Datasheet HTML 4Page - Silicon Touch Technology Inc. PC113 Datasheet HTML 5Page - Silicon Touch Technology Inc. PC113 Datasheet HTML 6Page - Silicon Touch Technology Inc. PC113 Datasheet HTML 7Page - Silicon Touch Technology Inc. PC113 Datasheet HTML 8Page - Silicon Touch Technology Inc. PC113 Datasheet HTML 9Page - Silicon Touch Technology Inc. PC113 Datasheet HTML 10Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
-5 -
Version
:A.001
PC112/PC113
Typical performance characteristics
R1=22Ω, L1=6.8µH, C1=4.7µF, C2=4.7µF, C3=1µF, Schottky diode VF=0.18, Ta = 25
oC ,
(unless otherwise specified)
5
10
15
20
25
30
0.8
0.81
0.82
0.83
0.84
0.85
0.86
0.87
0.88
0.89
Efficiency vs Load current
Load current (mA)
VIN=2.85V
VIN=3.6V
VIN=4.2V
5
10
15
20
25
30
0.8
0.81
0.82
0.83
0.84
0.85
0.86
0.87
0.88
Efficiency vs Load current
Load current (mA)
VIN=2.85V
VIN=3.6V
VIN=4.2V
5
10
15
20
25
30
0.78
0.79
0.8
0.81
0.82
0.83
0.84
0.85
0.86
0.87
0.88
Efficiency vs Load current
Load current (mA)
VIN=2.85V
VIN=3.6V
VIN=4.2V
5
10
15
20
25
30
0.09
0.092
0.094
0.096
0.098
0.1
0.102
0.104
0.106
0.108
0.11
Feedback voltage vs Load current
Load current (mA)
2x LEDs
3x LEDs
4x LEDs
-40
-20
0
20
40
60
80
100
120
140
78
79
80
81
82
83
84
85
Efficiency vs Temperature (High Load)
Temperature (degree)
VIN=2.85V
VIN=3.6V
VIN=4.2V
3 WLEDs, 25mA
-40
-20
0
20
40
60
80
100
120
140
76
77
78
79
80
81
82
83
84
Efficiency vs Temperature (Light Load)
Temperature (degree)
VIN=2.85V
VIN=3.6V
VIN=4.2V
3 WLEDs, 5mA
2LEDs
3LEDs
4LEDs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com