Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC113 Datasheet(PDF) 4 Page - Silicon Touch Technology Inc.

Part # PC113
Description  Step Up Converter for White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

PC113 Datasheet(HTML) 4 Page - Silicon Touch Technology Inc.

  PC113 Datasheet HTML 1Page - Silicon Touch Technology Inc. PC113 Datasheet HTML 2Page - Silicon Touch Technology Inc. PC113 Datasheet HTML 3Page - Silicon Touch Technology Inc. PC113 Datasheet HTML 4Page - Silicon Touch Technology Inc. PC113 Datasheet HTML 5Page - Silicon Touch Technology Inc. PC113 Datasheet HTML 6Page - Silicon Touch Technology Inc. PC113 Datasheet HTML 7Page - Silicon Touch Technology Inc. PC113 Datasheet HTML 8Page - Silicon Touch Technology Inc. PC113 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
-3 -
Version
:A.001
PC112/PC113
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Supply Voltage
VDD
5.5
V
LX Voltage
VLX
24
V
EN Voltage
VEN
5.5
V
Power Dissipation
Pd
2.5
mW
Storage Temperature
Tstg
-65~140
oC
Operating Temperature
Topr
-40~120
oC
Junction Temperature
TJ
160
oC
Electrical characteristics, VDD=3.6V, T
a = 25
oC . (unless otherwise specified)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
Unit
Operating Input Voltage
VDD
2.8
3.6
5
V
FB PIN Voltage
VFB
85
95
105
mV
FB Vol. Temp. Coefficient
TFB
ILED = 20mA
+92
µV/°C
Switch-on Resistance
RSW
1.5
Ω
Switch Max On-time
TON
1.4
1.5
1.6
µS
Maximum Duty Cycle
DMAX
80
%
Switching Frequency
FSW
450
500
550 KHz
Efficiency
η
85
%
IDD
VEN=High
1
mA
Supply Current
IDDQ
VEN=Low
0.1
µA
VEN=High
0.2
mA
Shutdown Input Current
IEN
VEN=Low
10
nA
*Over voltage protection
VP
23
V
*Note1 : Only PC113 build this function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com