Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC113 Datasheet(PDF) 3 Page - Silicon Touch Technology Inc.

Part # PC113
Description  Step Up Converter for White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

PC113 Datasheet(HTML) 3 Page - Silicon Touch Technology Inc.

  PC113 Datasheet HTML 1Page - Silicon Touch Technology Inc. PC113 Datasheet HTML 2Page - Silicon Touch Technology Inc. PC113 Datasheet HTML 3Page - Silicon Touch Technology Inc. PC113 Datasheet HTML 4Page - Silicon Touch Technology Inc. PC113 Datasheet HTML 5Page - Silicon Touch Technology Inc. PC113 Datasheet HTML 6Page - Silicon Touch Technology Inc. PC113 Datasheet HTML 7Page - Silicon Touch Technology Inc. PC113 Datasheet HTML 8Page - Silicon Touch Technology Inc. PC113 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
-2 -
Version
:A.001
PC112/PC113
Block Diagram
4
3
FB
EN
5
VDD
LX
1
2
VSS
0.1V
Clock
Genertor
Pre-
Driver
Control
Logic
Soft
Start
OVP
5
-
+
OVP
4
3
FB
EN
5
VDD
LX
1
2
VSS
0.5V
Clock
Genertor
Pre
Driver
Control
Logic
Soft
Start
PC113
PC112
Pin Descriptions
Pin No
PC113 PC112
PIN NAME
Descriptions
1
1
LX
Connect inductor to battery
2
2
VSS
Ground pin
3
3
FB
Feedback pin
4
4
EN
Enable pin
5
OVP
Over voltage protection
6
5
VDD
Input voltage supply pin
SiTI
PC113
VDD
LX
EN
VSS
FB
1
2
34
6
5
OVP
SiTI
PC112
VDD
LX
EN
VSS
FB
1
2
34
5
TopView



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com