Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8712 Datasheet(PDF) 23 Page - Active-Semi, Inc

Part # ACT8712
Description  Four Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8712 Datasheet(HTML) 23 Page - Active-Semi, Inc

Back Button ACT8712 Datasheet HTML 19Page - Active-Semi, Inc ACT8712 Datasheet HTML 20Page - Active-Semi, Inc ACT8712 Datasheet HTML 21Page - Active-Semi, Inc ACT8712 Datasheet HTML 22Page - Active-Semi, Inc ACT8712 Datasheet HTML 23Page - Active-Semi, Inc ACT8712 Datasheet HTML 24Page - Active-Semi, Inc ACT8712 Datasheet HTML 25Page - Active-Semi, Inc ACT8712 Datasheet HTML 26Page - Active-Semi, Inc ACT8712 Datasheet HTML 27Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
WLED BIAS DC/DC CONVERTER
Rev0, 25-Feb-08
ACT8712
Innovative Products. Active Solutions.
- 23 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of Philips Electronics.
ELECTRICAL CHARACTERISTICS
(VVSYS = 3.6V, TA = 25°C, unless otherwise specified.)
: As long as VSYS is within the VSYS operating range, this spec refers to the voltage range of the input that the inductor is connected
to.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage Range
2
5.5
V
UVLO Voltage Threshold
VSYS Voltage Rising
2.9
3
3.1
V
UVLO Voltage Hysteresis
VSYS Voltage Falling
80
mV
Supply Current
ON2 = VIN, VFB3 = 0.3V
75
150
µA
ON2 = GA, ILOAD = 0mA
0.1
1
µA
FB3 Feedback Voltage
235
255
275
mV
FB3 Input Current
50
nA
Oscillator Frequency
1.35
1.6
1.85
MHz
Minimum On-Time
100
ns
Maximum Duty Cycle
87
92
%
Switch Current Limit
Duty = 83%, L = 22µH, COUT3 = 4.7µF
500
750
mA
Switch On-Resistance
ISW3 = 100mA
0.67
1.1
Ω
Switch Leakage Current
VSW3 = 30V, ON2 = GA
10
µA
Over-Voltage Threshold
REG3/VSET[ ] = [111111]
27.5
28.5
29.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com